Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 87Page - Cirrus Logic CS5376A Datasheet HTML 88Page - Cirrus Logic CS5376A Datasheet HTML 89Page - Cirrus Logic CS5376A Datasheet HTML 90Page - Cirrus Logic CS5376A Datasheet HTML 91Page - Cirrus Logic CS5376A Datasheet HTML 92Page - Cirrus Logic CS5376A Datasheet HTML 93Page - Cirrus Logic CS5376A Datasheet HTML 94Page - Cirrus Logic CS5376A Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
CS5376A
91
23.2.4
SPI2CTRL : 0x10
(MSB) 23
22
21
20
19
18
17
16
WOM
SCKFS2
SCKFS1
SCKFS0
SPI2EN3
SPI2EN2
SPI2EN1
SPI2EN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00111111
15
14
13
12
11
10
9
8
RCH1
RCH0
D2SOP
SCKPH
SWEF
SCKPO
TM
D2SREQ
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
00000000
7654321
(LSB) 0
DNUM2
DNUM1
DNUM0
CS4
CS3
CS2
CS1
CS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
11100000
DF Address: 0x10
--
Not defined;
read as 0
R
Readable
WWritable
R/W
Readable
and Writable
Bits in bottom rows
are reset condition.
Bit definitions:
23
WOM
Wired-or mode
1: Enabled (open drain)
0: Disabled (push-pull)
15:14 RCH
[1:0]
Read channel
11: SI4
10: SI3
01: SI2
00: SI1
7:5
DNUM
[2:0]
Number of bytes in
serial transaction
22:20 SCKFS
[2:0]
SCK2 frequency select
111: reserved
110: reserved
101: 4.096 MHz
100: 2.048 MHz
011: 1.024 MHz
010: 512 kHz
001: 128 kHz
000: 32 kHz
13
D2SOP
Digital filter to SPI2
operation in progress
flag
4
CS4
Chip Select 4 Enable
12
SCKPH
SO output timing
1: Data becomes valid
on first SCK2 edge
0: Data becomes valid
before first SCK2 edge
3
CS3
Chip Select 3 Enable
2
CS2
Chip Select 2 Enable
11
SWEF
SPI2 write collision flag 1
CS1
Chip Select 1 Enable
19:16 SPI2EN
[3:0]
SI[4:1] input enable
1111: All enabled
0000: All disabled
10
SCKPO
SCK2 data polarity
1: Valid on falling edge,
transition on rising edge
0: Valid on rising edge,
transition on falling edge
0
CS0
Chip Select 0 Enable
9
TM
SPI2 timeout flag
1: SPI2 timed out
0: not timed out
8
D2SREQ Digital filter to SPI2
serial transaction request
1: Request operation
0: Operation complete
(cleared by hardware)
Figure 50. SPI 2 Control Register SPI2CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com