Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 18Page - Cirrus Logic CS5376A Datasheet HTML 19Page - Cirrus Logic CS5376A Datasheet HTML 20Page - Cirrus Logic CS5376A Datasheet HTML 21Page - Cirrus Logic CS5376A Datasheet HTML 22Page - Cirrus Logic CS5376A Datasheet HTML 23Page - Cirrus Logic CS5376A Datasheet HTML 24Page - Cirrus Logic CS5376A Datasheet HTML 25Page - Cirrus Logic CS5376A Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
CS5376A
22
VD, GND - Pins 7, 40, 6, 23, 39
Sets the operational voltage of the CS5376A logic
core. Can be driven with voltages from 3 V to 5 V.
A 3 V supply minimizes total power consumption.
4.2 Bypass Capacitors
Each power supply pin should be bypassed with
parallel 1
µF and 0.01 µF caps, or by a single
0.1
µF cap, placed as close as possible to the
CS5376A. Bypass capacitors should be ceramic
(X7R, C0G), tantalum, or other good quality di-
electric type.
4.3 Power Consumption
Power consumption of the CS5376A depends pri-
marily on the power supply voltage of the logic
core (VD) and the programmed digital filter clock
rate. Digital filter clock rates are selected based on
the required output word rate as explained in “Dig-
ital Filter Initialization” on page 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com