Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 30Page - Cirrus Logic CS5376A Datasheet HTML 31Page - Cirrus Logic CS5376A Datasheet HTML 32Page - Cirrus Logic CS5376A Datasheet HTML 33Page - Cirrus Logic CS5376A Datasheet HTML 34Page - Cirrus Logic CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
CS5376A
34
9.3.2
SPI 1 registers
The SPI 1 registers are shown in Figure 19 and are
24-bit registers mapped into an 8-bit register space
as high, mid, and low bytes. See “SPI 1 Registers”
on page 82 for the bit definitions of the SPI 1 reg-
isters.
9.3.3
SPI 1 transactions
A serial transaction to the SPI 1 registers starts with
an SPI opcode, followed by an address, and then
some number of data bytes written or read starting
at that address.
Typical serial write transactions require sending
groups of 5, 8, or 11 total bytes to the SPI1CMD or
SPI1DAT1 registers.
Example 5-byte write transaction to SPI1CMD
02 03 12 34 56
Example 5-byte write transaction to SPI1DAT1
02 06 12 34 56
Example 8-byte write transaction to SPI1CMD
02 03 12 34 56 AB CD EF
Example 8-byte write transaction to SPI1DAT1
02 06 12 34 56 AB CD EF
Example 11-byte write transaction to SPI1CMD
02 03 12 34 56 AB CD EF 65 43 21
Typical serial read transactions require groups of 3
or 5 bytes, split between writing into MOSI and
reading from MISO.
3-byte read transaction of mid-byte of SPI1CTRL
MOSI: 03 01 00
MISO: xx xx 12
5-byte read transaction of SPI1DAT1
MOSI: 03 06 00 00 00
MISO: xx xx 12 34 56
9.3.4
Multiple serial transactions
Some configuration commands require multiple se-
rial transactions to complete. There must be a small
delay between transactions for the CS5376A to
process the incoming data. Three methods can be
used to ensure the CS5376A is ready to receive the
next configuration command.
1) Delay a fixed 1 ms period to guarantee enough
time for the command to be completed.
2) Monitor the SINT pin for a 1 us active low pulse.
This pulse output occurs once the CS5376A com-
pletes processing the current command.
3) Verify the status of the E2DREQ bit by reading
the SPI1CTRL register. When low, the CS5376A is
ready for the next command.
9.3.5
Polling E2DREQ
One transaction type that can always be performed
no matter the delay from the previous configuration
command is reading E2DREQ in the mid-byte of
the SPI1CTRL register. A 3-byte read transaction.
MOSI: 03 01 00
MISO: xx xx 01
<- E2DREQ bit high
MISO: xx xx 00
<- E2DREQ bit low
Name
Addr.
Type
# Bits
Description
SPI1CTRL
00 - 02
R/W
8, 8, 8
SPI 1 Control
SPI1CMD
03 - 05
R/W
8, 8, 8
SPI 1 Command
SPI1DAT1
06 - 08
R/W
8, 8, 8
SPI 1 Data 1
SPI1DAT2
09 - 0B
R/W
8, 8, 8
SPI 1 Data 2
Figure 19. SPI 1 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com