Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 34Page - Cirrus Logic CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic CS5376A Datasheet HTML 40Page - Cirrus Logic CS5376A Datasheet HTML 41Page - Cirrus Logic CS5376A Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
CS5376A
38
Table 8. Example Microcontroller Configuration
Transaction
SPI Data
Description
01
02 03 00 00 05 00 22 00
Write ROM coefficients
02
Delay 1ms, monitor SINT, or poll E2DREQ
03
02 03 00 00 07
Write ROM TBS Data
04
Delay 1ms, monitor SINT, or poll E2DREQ
05
02 03 00 00 01 00 00 00 07 04 31
Write CONFIG Register
06
Delay 1ms, monitor SINT, or poll E2DREQ
07
02 03 00 00 01 00 00 20 00 02 40
Write FILTCFG Register
08
Delay 1ms, monitor SINT, or poll E2DREQ
09
02 03 00 00 01 00 00 2A 07 40 40
Write TBSCFG Register
10
Delay 1ms, monitor SINT, or poll E2DREQ
11
02 03 00 00 01 00 00 2B 04 B0 00
Write TBSGAIN Register
12
Delay 1ms, monitor SINT, or poll E2DREQ
13
02 03 00 00 08
Filter Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com