Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 31Page - Cirrus Logic CS5376A Datasheet HTML 32Page - Cirrus Logic CS5376A Datasheet HTML 33Page - Cirrus Logic CS5376A Datasheet HTML 34Page - Cirrus Logic CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
CS5376A
35
The E2DREQ bit reads high while a configuration
command is being processed. When low, the digital
filter is ready to receive a new configuration com-
mand.
9.4 Microcontroller Configuration
Commands
A summary of available microcontroller configura-
tion commands is listed in Table 7.
Write DF Register - 0x01
This configuration command writes a specified
digital filter register. Digital filter registers control
hardware peripherals and filtering functions. See
“Digital Filter Registers” on page 87 for the bit def-
initions of the digital filter registers.
Sample Command:
Write digital filter register 0x00 with data value
0x070431. Then write 0x20 with data 0x000240.
02 03 00 00 01 00 00 00 07 04 31
Delay 1 ms, monitor SINT, or poll E2DREQ
02 03 00 00 01 00 00 20 00 02 40
Delay 1 ms, monitor SINT, or poll E2DREQ
Read DF Register - 0x02
This command reads a specified digital filter regis-
ter. The register value is requested in the first SPI
transaction, with the register value copied to
SPI1DAT1 and read in a subsequent SPI transac-
tion.
Sample Command:
Read digital filter registers 0x00 and 0x20.
02 03 00 00 02 00 00 00
[DATA] indicates data word returned from digital filter.
(DATA) indicates multiple words of this type are to be written.
Name
CMD
24-bit
DAT1
24-bit
DAT2
24-bit
Description
NOP
000000
-
-
No Operation
WRITE DF REGISTER
000001
REG
DATA
Write Digital Filter Register
READ DF REGISTER
000002
REG
[DATA]
-
-
Read Digital Filter Register
WRITE FIR COEFFICIENTS
000003
NUM FIR1
(FIR COEF)
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
000004
a11
b11
a22
b21
b10
a21
b20
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
000005
COEF SEL
-
Use On-Chip Coefficients
WRITE TBS DATA
000006
NUM TBS
(TBS DATA)
-
(TBS DATA)
Write Custom Test Bit Stream Data
WRITE ROM TBS
000007
-
-
Use On-Chip TBS Data
FILTER START
000008
-
-
Start Digital Filter Operation
FILTER STOP
000009
-
-
Stop Digital Filter Operation
Table 7. Microcontroller Boot Configuration Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com