Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic CS5376A Datasheet HTML 40Page - Cirrus Logic CS5376A Datasheet HTML 41Page - Cirrus Logic CS5376A Datasheet HTML 42Page - Cirrus Logic CS5376A Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
CS5376A
39
10. MODULATOR INTERFACE
The CS5376A performs digital filtering for up to
four
∆Σ modulators. Signals from the modulators
are connected through the modulator data interface
(MDI).
10.1 Pin Descriptions
MCLK, MCLK/2 - Pins 13, 12
Modulator clock outputs. Nominally 2.048 MHz
and 1.024 MHz.
MSYNC - Pin 14
Modulator synchronization signal output. Generat-
ed from the SYNC input.
MDATA1 - MDATA4 - Pins 15, 17, 19, 21
Modulator data inputs, nominally 512 kbit/s.
MFLAG1 - MFLAG4 - Pins 16, 18, 20, 22
Modulator flag inputs. Driven high when modula-
tor is unstable due to an analog over-range signal.
10.2 Modulator Clock Generation
The MCLK and MCLK/2 outputs are low-jitter,
low-skew modulator clocks generated from the
32.768 MHz master clock.
MCLK typically operates at 2.048 MHz unless an-
alog low-power modes require a 1.024 MHz mod-
ulator clock. MCLK/2 always produces a clock at
half the selected MCLK rate.
The MCLK rate is selected and the MCLK and
MCLK/2 outputs are enabled by bits in the digital
filter CONFIG register (0x00). By default MCLK
and MCLK/2 are disabled and driven low.
10.3 Modulator Synchronization
The MSYNC output signal follows an input on the
SYNC pin. MSYNC phase aligns the modulator
sampling instant to guarantee synchronous analog
sampling across a measurement network.
MSYNC is enabled by a bit in the CONFIG register
(0x00). By default SYNC inputs do not cause an
MSYNC output.
Figure 20. Modulator Data Interface
FIR
IIR
Filters
Filter
Output to High Speed Serial Data Port (SD Port)
DC Offset
Correction
Output Rate 4000 SPS ~ 1 SPS
& Gain
MDATA[4:1]
MFLAG[4:1]
MDI Input
512 kHz
MCLK /
Generate
MSYNC
CLK
SYNC
MSYNC
SINC
Filter
MCLK
MCLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com