Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 33Page - Cirrus Logic CS5376A Datasheet HTML 34Page - Cirrus Logic CS5376A Datasheet HTML 35Page - Cirrus Logic CS5376A Datasheet HTML 36Page - Cirrus Logic CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic CS5376A Datasheet HTML 40Page - Cirrus Logic CS5376A Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
CS5376A
37
on page 64 for information about using custom test
bit stream data sets.
Sample Command:
Write test bit stream data 0x000000, 0x0007DA,
0x000FB5, 0x00178F.
02 03 00 00 06 00 00 04
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 00 00 00 00 07 DA
Delay 1 ms, monitor SINT, or poll E2DREQ
02 06 00 0F B5 00 17 8F
Delay 1 ms, monitor SINT, or poll E2DREQ
Write TBS ROM Data - 0x07
This command selects the on-chip test bit stream
(TBS) data for use by the TBS generator. No data
words are required for this configuration com-
mand. See “Test Bit Stream Generator” on page 64
for information about the on-chip test bit stream
data set.
Sample Command:
02 03 00 00 07
Delay 1 ms, monitor SINT, or poll E2DREQ
Filter Start - 0x08
This command initializes and starts the digital fil-
ter. Measurement data becomes available one full
sample period after this command is issued. No
data words are required for this configuration com-
mand.
Sample Command:
02 03 00 00 08
Delay 1 ms, monitor SINT, or poll E2DREQ
Filter Stop - 0x09
This command disables the digital filter. Measure-
ment data output stops immediately after this com-
mand is issued. No data words are required for this
configuration command.
Sample Command:
02 03 00 00 09
Delay 1 ms, monitor SINT, or poll E2DREQ
9.5 Example Microcontroller
Configuration
Table 6 shows example microcontroller transac-
tions for a minimal CS5376A configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com