Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 69Page - Cirrus Logic CS5376A Datasheet HTML 70Page - Cirrus Logic CS5376A Datasheet HTML 71Page - Cirrus Logic CS5376A Datasheet HTML 72Page - Cirrus Logic CS5376A Datasheet HTML 73Page - Cirrus Logic CS5376A Datasheet HTML 74Page - Cirrus Logic CS5376A Datasheet HTML 75Page - Cirrus Logic CS5376A Datasheet HTML 76Page - Cirrus Logic CS5376A Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
CS5376A
73
command and the low byte designated as an ad-
dress. The high byte holds an 8-bit SPI ‘write’ or
‘read’ opcode, as shown in Figure 40, and the low
byte holds an 8-bit serial address.
During a transaction, bits in SPI2CMD are output
MSB first, with data in SPI2DAT written or read
following.
20.3.3 SPI 2 Data Register
The SPI2DAT register (0x12) is a 24-bit digital fil-
ter register containing three SPI data bytes. Data in
SPI2DAT is always LSB aligned, with 1-byte data
written or received using the low byte, 2-byte data
written or received using the middle and low bytes,
and 3-byte data written or received using all three
bytes.
Data in SPI2DAT is written or read after writing
the command and address bytes from the
SPI2CMD register.
20.4 SPI 2 Transactions
The SPI 2 port operates as an SPI master to perform
write and read transactions with serial slave periph-
erals. The exact format of the SPI transactions de-
pends on the SPI mode, selected using the SCKPO
and SCKPH bits in the SPI2CTRL register.
Write Transactions
Write transactions start by writing an SPI ‘write’
(0x02) opcode and an 8-bit destination address into
the SPI2CMD register and the output data value to
the SPI2DAT register. Writing the D2SREQ bit in
the SPI2CTRL register initiates the SPI 2 transac-
tion based on the SPI2CTRL configuration.
A write transaction outputs 1 or 2 bytes from the
SPI2CMD register followed by 1, 2, or 3 bytes
from the SPI2DAT register. Write transactions are
therefore a minimum of 1 byte (DNUM = 0) and a
maximum of 5 bytes (DNUM = 4). The SPI 2 port
uses the DNUM bits in the SPI2CTRL register to
determine the total number of bytes to send during
a write transaction.
Write transactions are not required to use standard
SPI commands. If serial peripherals use non-stan-
dard write commands they can be written into
SPI2CMD and SPI2DAT as required.
Read Transactions
Read transactions start by writing an SPI ‘read’
(0x03) opcode and an 8-bit source address to the
SPI2CMD register. Writing the D2SREQ bit in the
SPI2CTRL register initiates the SPI 2 transaction
based on the SPI2CTRL configuration, with the
data
value
automatically
received
into
the
SPI2DAT register.
A read transaction outputs 2 bytes from the
SPI2CMD register and can receive 1, 2, or 3 bytes
into the SPI2DAT register. Read transactions are a
minimum of 3 bytes (DNUM = 2) and a maximum
of 5 bytes (DNUM = 4). The SPI 2 port uses the
DNUM bits in the SPI2CTRL register to determine
the total number of bytes to send and receive during
a read transaction.
Read transactions are not required to use standard
SPI commands. If serial peripherals use non-stan-
dard read commands they can be written to the
SPI2CMD register, as long as they conform to the
format of 2 bytes out with 1, 2, or 3 bytes in.
SPI Modes
The SPI mode for the SPI 2 port is selected in the
SPI2CTRL register using the SCKPO and SCKPH
bits. The most commonly used SPI modes are
mode 0 and mode 3, both of which define the serial
clock with data valid on rising edges and transition-
ing on falling edges.
In SPI mode 0, the SCK2 serial clock is defined ini-
tially in a low state. Output data on the SO pin is
valid immediately after the chip select pin goes
low, and the first rising edge of SCK2 latches valid
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com