Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 37Page - Cirrus Logic CS5376A Datasheet HTML 38Page - Cirrus Logic CS5376A Datasheet HTML 39Page - Cirrus Logic CS5376A Datasheet HTML 40Page - Cirrus Logic CS5376A Datasheet HTML 41Page - Cirrus Logic CS5376A Datasheet HTML 42Page - Cirrus Logic CS5376A Datasheet HTML 43Page - Cirrus Logic CS5376A Datasheet HTML 44Page - Cirrus Logic CS5376A Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
CS5376A
41
11. DIGITAL FILTER INITIALIZATION
The CS5376A digital filter consists of three multi-
stage sections: a three stage SINC filter, a two stage
FIR filter, and a two stage IIR filter.
To initialize the digital filter, FIR and IIR coeffi-
cient sets are selected using configuration com-
mands, and the FILTCFG register (0x20) is written
to select the output filter stage, the output word
rate, and the number of enabled channels. The dig-
ital filter clock rate is selected by writing the CON-
FIG register (0x00).
11.1 Filter Coefficient Selection
Selection of SINC filter coefficients is not required
as they are selected automatically based on the pro-
grammed output word rate.
Digital filter FIR and IIR coefficients are selected
using the ‘Write FIR Coefficients’ and ‘Write IIR
Coefficients’, or the ‘Write ROM Coefficients’
configuration commands. When writing the FIR
and IIR coefficients from ROM, a data word selects
an on-chip coefficient set for each filter stage. Fig-
ure 22 shows the format of the coefficient selection
word, and the available coefficient sets for each se-
lection.
Characteristics of the on-chip digital filter coeffi-
cients are discussed in the ‘SINC Filter’, ‘FIR Fil-
ter’, and ‘IIR Filter’ sections of this data sheet.
11.2 Filter Configuration Options
Digital filter parameters are selected by bits in the
FILTCFG register (0x20), and the digital filter
clock rate is selected by bits in the CONFIG regis-
ter (0x00).
11.2.1 Output Filter Stage
The digital filter can output data following any
stage in the filter chain. The output filter stage is se-
lected by the FSEL bits in the FILTCFG register.
Taking data from the SINC or FIR1 filter stages re-
duces the overall decimation of the filter chain and
increases the output rate, as discussed in the fol-
lowing section. Taking data from FIR2, IIR1, IIR2,
or IIR3 results in data at the selected rate.
Figure 21. Digital Filter Stages
SINC Filter
2 - 64000
FIR1
4
FIR2
2
IIR1
IIR2
1st Order
2nd Order
Output to High Speed Serial Data Port (SD Port)
DC Offset
Correction
Output Rate 4000 SPS ~ 1 SPS
& Gain
Modulator
512 kHz
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com