Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) LM1237 Datasheet HTML 25Page - National Semiconductor (TI) LM1237 Datasheet HTML 26Page - National Semiconductor (TI) LM1237 Datasheet HTML 27Page - National Semiconductor (TI) LM1237 Datasheet HTML 28Page - National Semiconductor (TI) LM1237 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Display Page RAM (Continued)
The WE control code tells the OSD generator that the character codes following belong to another displayed window at the next
window location. A WE control code may follow normal characters or an SL parameter, but never an RE control code.
WRITING TO THE PAGE RAM
The Display Page RAM can contain up to 512 of the above listed characters and control codes. Each character, or control code
will consume one of the possible 512 locations. For convenience, a single write instruction to bit 3 of the Frame Control Register
(0x8400) can reset the page RAM value to all zero.
Display Window 1 will also start at the first location (corresponding to the I
2C address 0x8000). This location must always contain
the Skip-Line (SL) code associated with the first row of Display Window 1. Subsequent locations should contain the characters
to be displayed on row 1 of Display Window 1, until the RE character code or WE character code is written into the Display
Page-RAM.
The skip-line parameters associated with the next row must always be written to the location immediately after the preceding
row’s row-end character. The only exception to this rule is when a window-end character (value 0x0000) is encountered. It is
important to note that a row-end character should not precede a window-end character (otherwise the window-end character will
be interpreted as the next row’s skip-line code). Instead, the window-end character will both end the row and the window making
it unnecessary to precede it with a row-end character.
The I
2C Format for writing a sequence of display characters is minimized by allowing sequential characters with the same
attribute code to send in a string as follows:
Byte #1—I
2C Slave Address
Byte #2 — LSB Register Address
Byte #3 — MSB Register Address
Byte #4 — Attribute Table Entry to use for the following characters
Byte #5 — First display character, SL parameter, RE or WE control code
Byte #6 — Second display character, SL parameter, RE or WE control code
Byte #7 — Third display character, SL parameter, RE or WE control code
Byte #n — Last display character in this color sequence, SL parameter, RE or WE control code to use the associated Attribute
Table Entry.
The Attribute Table Entry (Byte #4, of the above) is automatically associated with each subsequent display character or SL code
written. The following are examples of how the Display Page RAM associates to the actual On-Screen Display Window #1.
EXAMPLE 1:
A 3x3 character matrix of yellow characters on a black background is to be displayed on the screen of all the same color, using
2-color character codes:
The actual On-Screen Display of Window #1 is shown in Figure 21. Note the dotted white lines are not actually part of the OSD
image to be displayed. They are shown here only to designate character boundaries.
Notes:
•
Every row must begin with an attribute and an SL. Display Page RAM memory location 0x8000 will always be associated with
the SL of row 0 of Display Window #1.
•
Every row except the last row of a Display Window must end with an RE character. The character immediately after an RE
character is always the SL value for the next row.
•
The last row in a Display Window must be a WE character. The WE character must NOT be preceded by an RE character.
•
The entire Display Window may be written in a single I
2C write sequence because the Attribute Table entry (i.e., the color
palette) does not change for the entire Display Window.
•
The Attribute Table Entry that is associated with RE and WE characters are “don’t cares”. So in general it is most efficient just
to allow them to be the same value as the Attribute Table Entry associated with the previous display character.
20023432
FIGURE 21. Example 1 OSD
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com