Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) LM1237 Datasheet HTML 25Page - National Semiconductor (TI) LM1237 Datasheet HTML 26Page - National Semiconductor (TI) LM1237 Datasheet HTML 27Page - National Semiconductor (TI) LM1237 Datasheet HTML 28Page - National Semiconductor (TI) LM1237 Datasheet HTML 29Page - National Semiconductor (TI) LM1237 Datasheet HTML 30Page - National Semiconductor (TI) LM1237 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Display Page RAM (Continued)
Notes:
•
Every row must begin with an attribute and an SL value. Display Page RAM memory location 0x8000 will always be associated
with the SL of row 0 of Display Window #1.
•
If an I
2C transmission finishes without an RE (in the middle of a row) the first byte sent in the next I2C transmission is the
attribute.
•
Every row except the last row of a Display Window must end with an RE character. The character immediately after an RE
character is always the SL value for the next row.
•
The last row in a Display Window must be a WE character. The WE character must NOT follow an RE character.
•
Table 11 is the data sent to the LM1237 for the entire image, in five transmissions.
TABLE 11. Example 2 (Five Sequences)
Data Sent
Description
RAM Address
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x00
Address LSB
0x80
Address MSB
0x00
Use Attribute table 0x00 for the following characters
0x02
Skip 2 lines Command
0x8000
0x02
Character “A”
0x8001
0x03
Character “B”
0x8002
0x04
Character “C”
0x8003
0x01
Row-End (RE) Command
0x8004
I
2C stop condition (See the Microcontroller Interface Section)
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x05
Address LSB
0x80
Address MSB
0x01
Use Attribute table 0x01 for the following characters
0x03
Skip 3 lines Command
0x8005
20023433
FIGURE 22. Example 2 OSD
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com