Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 5Page - National Semiconductor (TI) LM1237 Datasheet HTML 6Page - National Semiconductor (TI) LM1237 Datasheet HTML 7Page - National Semiconductor (TI) LM1237 Datasheet HTML 8Page - National Semiconductor (TI) LM1237 Datasheet HTML 9Page - National Semiconductor (TI) LM1237 Datasheet HTML 10Page - National Semiconductor (TI) LM1237 Datasheet HTML 11Page - National Semiconductor (TI) LM1237 Datasheet HTML 12Page - National Semiconductor (TI) LM1237 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Pin Descriptions and Application Information
Pin
No.
Pin Name
Schematic
Description
1
V Flyback
Required for OSD synchronization and is also
used for vertical blanking of the video outputs.
The actual switching threshold is about 35% of
V
CC. For logic level inputs C4 can be a jumper,
but for flyback inputs, an AC coupled
differentiator is recommended, where R
V is large
enough to prevent the voltage at pin 1 from
exceeding V
CC or going below GND. C4 should
be small enough to flatten the vertical rate ramp
at pin 1. C
24 may be needed to reduce noise.
2V
REF Bypass
Provides filtering for the internal voltage which
sets the internal bias current in conjunction with
R
EXT. A minimum of 0.1 µF is recommended for
proper filtering. This capacitor should be placed
as close to pin 2 and the pin 4 ground return as
possible.
3V
REF Current Set
External resistor, 10k 1%, sets the internal bias
current level for optimum performance of the
LM1237. This resistor should be placed as close
to pin 3 and the pin 4 ground return as possible.
4
Analog Ground
This is the ground for the input analog portions
of the LM1237 internal circuitry.
5
6
7
Blue Video In
Red Video In
Green Video In
These video inputs must be AC coupled with a
.0047 µF cap. Internal DC restoration is done at
these inputs. A series resistor of about 33
Ω and
external ESD protection diodes should also be
used for protection from ESD damage.
8
10
Digital Ground
PLL V
CC
The ground pin should be connected to the rest
of the circuit ground by a short but independent
PCB trace to prevent contamination by
extraneous signals. The V
CC pin should be
isolated from the rest of the V
CC line by a ferrite
bead and bypassed to pin 8 with an electrolytic
capacitor and a high frequency ceramic.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com