Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 13Page - National Semiconductor (TI) LM1237 Datasheet HTML 14Page - National Semiconductor (TI) LM1237 Datasheet HTML 15Page - National Semiconductor (TI) LM1237 Datasheet HTML 16Page - National Semiconductor (TI) LM1237 Datasheet HTML 17Page - National Semiconductor (TI) LM1237 Datasheet HTML 18Page - National Semiconductor (TI) LM1237 Datasheet HTML 19Page - National Semiconductor (TI) LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
OSD Generator Operation (Continued)
ATTRIBUTE TABLES
Each character has an attribute value assigned to it in the
page RAM. The attribute value is 4 bits wide, making each
character entry in the page RAM 12 bits wide in total. The
attribute value acts as an address which points to one of 16
entries in either the two-color attribute table RAM or the
four-color attribute table RAM. The attribute word in the table
contains the coding information which defines which color is
represented by color1 and color2 in the two color attribute
table and color1, color2, color3, color4 in the four-color
attribute table. Each color is defined by a 9-bit value, with 3
bits assigned to each channel of RGB. A dynamic look-up
table defines each of the 16 different color combination
selections or ‘palettes’. As the look-up table can be dynami-
cally coded by the microcontroller over the I
2C compatible
interface, each color can be assigned to any one of 2
9 (i.e.
512) choices. This allows a maximum of 64 different colors to
be used within one page using the 4-color characters, with
up to 4 different colors within any one character and 32
different colors using the 2-color characters, with 2 different
colors within any one character.
TRANSPARENT DISABLE
In addition to the 9 lines of video data, a tenth data line is
generated by the transparent disable bit. When this line is
activated, the black color code will be translated as ‘trans-
parent’ or invisible. This allows the video information from
the PC system to be visible on the screen when this is
present. Note that this feature is enabled on any black color
in of the first 8 attribute table entries.
12 columns
18 rows
COLOR 1
COLOR 2
20023421
FIGURE 14. A Two-Color Character
Plane 1
+
Plane 2
=
Composite
20023422
FIGURE 15. A Four-Color Character
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com