Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 6Page - National Semiconductor (TI) LM1237 Datasheet HTML 7Page - National Semiconductor (TI) LM1237 Datasheet HTML 8Page - National Semiconductor (TI) LM1237 Datasheet HTML 9Page - National Semiconductor (TI) LM1237 Datasheet HTML 10Page - National Semiconductor (TI) LM1237 Datasheet HTML 11Page - National Semiconductor (TI) LM1237 Datasheet HTML 12Page - National Semiconductor (TI) LM1237 Datasheet HTML 13Page - National Semiconductor (TI) LM1237 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Pin Descriptions and Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
9
PLL Filter
Recommended topology and values are shown
to the left. It is recommended that both filter
branches be bypassed to the independent
ground as close to pin 8 as possible. Great care
should be taken to prevent external signals from
coupling into this filter from video, I
2C, etc.
11
SDA
The I
2C compatible data line. A pull-up resistor
of about 2 Kohms should be connected between
this pin and V
CC. A resistor of at least 100
Ω
should be connected in series with the data line
for additional ESD protection.
12
SCL
The I
2C compatible clock line. A pull-up resistor
of about 2 k
Ω should be connected between this
pin and V
CC. A resistor of at least 100
Ω should
be connected in series with the clock line for
additional ESD protection.
13
14
15
16
DAC 4 Output
DAC 2 Output
DAC 3 Output
DAC 1 Output
DAC outputs for cathode cut-off adjustments and
brightness control. DAC 4 can be set to change
the outputs of the other three DACs, acting as a
brightness control. The DAC values and the
special DAC 4 function are set through the I
2C
compatible bus. A resistor of at least 100
Ω
should be connected in series with these outputs
for additional ESD protection.
17
18
Ground
V
CC
Ground pin for the output analog portion of the
LM1237 circuitry, and power supply pin for both
analog and digital sections of the LM1237. Note
the recommended charge storage and high
frequency capacitors which should be as close
to pins 17 and 18 as possible.
19
20
21
Green Output
Red Output
Blue Output
These are the three video output pins. They are
intended to drive the LM246x family of cathode
drivers. Nominally, about 2V peak to peak will
produce 40V peak to peak of cathode drive.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com