Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) LM1237 Datasheet HTML 25Page - National Semiconductor (TI) LM1237 Datasheet HTML 26Page - National Semiconductor (TI) LM1237 Datasheet HTML 27Page - National Semiconductor (TI) LM1237 Datasheet HTML 28Page - National Semiconductor (TI) LM1237 Datasheet HTML 29Page - National Semiconductor (TI) LM1237 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Display Page RAM (Continued)
•
The colors of the characters and background can be stored in a single location in the 2-color attribute table, in location ATT0.
•
The data shown in Table 10 is sent to the LM1237 in one I
2C transmission.
TABLE 10. Example 1 Data Transmission
Data Sent
Description
RAM Address
I
2C start condition (See the Microcontroller Interface Section)
0xBA
Chip address (See the Microcontroller Interface Section)
0x00
Address LSB
0x80
Address MSB
0x00
Use Attribute table 00 for the following characters
0x00
Skip 0 lines Command
8000
0x02
Character “A”
8001
0x03
Character “B”
8002
0x04
Character “C”
8003
0x01
Row-End (RE) Command
8004
0x00
Skip 0 lines
8005
0x05
Character “D”
8006
0x06
Character “E”
8007
0x07
Character “F”
8008
0x01
Row-End (RE) Command
8009
0x00
Skip 0 lines Command
800A
0x08
Character “G”
800B
0x09
Character “H”
800C
0x0A
Character “I”
800D
0x00
Window-End (WE) Command
800E
I
2C stop condition (See the Microcontroller Interface Section)
EXAMPLE 2:
A 3x3 character matrix of characters on a black background is to be displayed on the screen, using 2-color character codes. 2
skipped lines are required below the first line of characters, 3 skipped lines are required below the second line of characters, and
4 skipped lines are required below the third line of characters. The first line of characters will use color attribute 0, the second line
will use color attribute 1, the third line will use color attribute 0 for the first character, color attribute 1 for the second character, and
color attribute 2 for the third character. This is shown in Figure 22.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com