Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 32Page - National Semiconductor (TI) LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) LM1237 Datasheet HTML 37Page - National Semiconductor (TI) LM1237 Datasheet HTML 38Page - National Semiconductor (TI) LM1237 Datasheet HTML 39Page - National Semiconductor (TI) LM1237 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Control Register Definitions (Continued)
Bits 31–0
These are the Display Window 2 Column Width 2x Enable Bits. These thirty-two bits correspond to columns
31–0 of Display Window 2, respectively. A value of zero indicates the column will have normal width (12 OSD
pixels). A value of one indicates the column will be twice as wide as normal (24 OSD pixels). For the double
wide case, each Character Font pixel location will be displayed twice, in two consecutive horizontal pixel
locations. The user should note that if more than 32 display characters are programmed to reside on a row,
then all display characters after the first thirty-two will have normal width (12 pixels).
Pre-Amplifier Interface Registers
Blue Channel Gain Register
Register Name (address): BGAINCTRL (0x8430)
7
654321
0
RSV
BG6
BG5
BG4
BG3
BG2
BG1
BG0
Bits 6–0
This register determines the gain of the blue video channel.
Bit 7
Reserved and should be set to zero.
Green Channel Gain Register
Register Name (address): GGAINCTRL (0x8431)
7
654321
0
RSV
GG6
GG5
GG4
GG3
GG2
GG1
GG0
Bits 6–0
This register determines the gain of the green video channel.
Bit 7
Reserved and should be set to zero.
Red Channel Gain Register
Register Name (address): RGAINCTRL (0x8432)
7
654321
0
RSV
RG6
RG5
RG4
RG3
RG2
RG1
RG0
Bits 6–0
This register determines the gain of the red video channel.
Bit 7
Reserved and should be set to zero.
Contrast Control Register
Register Name (address): CONTRCTRL (0x8433)
7
654321
0
RSV
CG6
CG5
CG4
CG3
CG2
CG1
CG0
Bits 6–0
This register determines the contrast gain and affects all three channels, blue, red and green.
Bit 7
Reserved and should be set to zero.
DAC 1 Register
Register Name (address): DAC1CTRL (0x8434)
7
654321
0
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Bits 7–0
This register determines the output of DAC 1. The full-scale output is determined by bit 5 of the DAC
Config, OSD Contrast & DC Offset Register.
DAC 2 Register
Register Name (address): DAC2CTRL (0x8435)
7
654321
0
GC7
GC6
GC5
GC4
GC3
GC2
GC1
GC0
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com