Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 15Page - National Semiconductor (TI) LM1237 Datasheet HTML 16Page - National Semiconductor (TI) LM1237 Datasheet HTML 17Page - National Semiconductor (TI) LM1237 Datasheet HTML 18Page - National Semiconductor (TI) LM1237 Datasheet HTML 19Page - National Semiconductor (TI) LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
OSD Generator Operation (Continued)
Microcontroller Interface
The microcontroller interfaces to the LM1237 preamp via the
I
2C compatible interface. The protocol of the interface begins
with a Start Pulse followed by a byte comprised of a seven
bit Slave Device Address and a Read/Write bit. Since the
first byte is composed of both the address and the read/write
bit, the address of the LM1237 for writing is 0xBA
(10111010b)
and
the
address
for
reading
is
0xBB
(10111011b). The development software provided by Na-
tional Semiconductor will automatically take care of the dif-
ference between the read and write addresses if the target
address under the communications tab is set to 0xBA. Fig-
ure 19 and Figure 20 show a write and read sequence on the
I
2C compatible interface.
WRITE SEQUENCE
The write sequence begins with a start condition which
consists of the master pulling SDA low while SCL is held
high. The slave device address is next sent. The address
byte is made up of an address of seven bits (7-1) and the
read/write bit (0). Bit 0 is low to indicate a write operation.
Each byte that is sent is followed by an acknowledge. When
SCL is high the master will release the SDA line. The slave
must pull SDA low to acknowledge. The register to be written
to is next sent in two bytes, the least significant byte being
sent first. The master can then send the data, which consists
of one or more bytes. Each data byte is followed by an
acknowledge bit. If more than one data byte is sent the data
will increment to the next address location. See Figure 19.
20023453
FIGURE 17. Shadowing
20023425
FIGURE 18. Bordering
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com