Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 28Page - National Semiconductor (TI) LM1237 Datasheet HTML 29Page - National Semiconductor (TI) LM1237 Datasheet HTML 30Page - National Semiconductor (TI) LM1237 Datasheet HTML 31Page - National Semiconductor (TI) LM1237 Datasheet HTML 32Page - National Semiconductor (TI) LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Control Register Definitions (Continued)
Character Font Access Register
Register Name (address): CHARFONTACC (0x8402)
20023437
Bit 0
This is the Color Bit Plane Selector. This bit must be set to 0 to read or write a two-color attribute from the
range 0x0000 to 0x2FFF. When reading or writing four-color attributes from the range 0x3000 to 0x3FFF, this
bit is set to 0 for the least significant plane and to 1 for the most significant plane.
Bit 1
This is the Character/Attribute Selector. This applies to reads from the Display Page RAM (address range
0x8000–0x81FF). When a 0, the character code is returned and when a 1, the attribute code is returned.
Bits 7–2
Reserved. These should be set to zero.
Vertical Blank Duration Register
Register Name (address): VBLANKDUR (0x8403)
20023438
Bits 6–0
This register determines the duration of the vertical blanking signal in scan lines. When vertical blanking is
enabled, it is recommended that this register be set to a number greater than 0x0A.
Bit 7
Reserved. This bit should be set to zero.
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com