Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) LM1237 Datasheet HTML 25Page - National Semiconductor (TI) LM1237 Datasheet HTML 26Page - National Semiconductor (TI) LM1237 Datasheet HTML 27Page - National Semiconductor (TI) LM1237 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Display Page RAM (Continued)
20023428
Bits 11–4 (Character Code): These 8 bits define which of the 254 characters is to be called from the character ROM. Valid
character codes are 0x02–0xFF.
Bits 3–0 (Attribute Code): These 4 bits address the attribute table used to specify which of the 16 locations in RAM specify the
colors and enhanced features to be used for this particular character. Two separate attribute tables are used, one for 2-color
characters, the other for 4-color characters.
Each of the characters are stored in sequence in the page RAM. Special codes are used between lines to show where one line
ends and the next begins, and also to allow blank (or ‘skipped’) single scan lines to be added between character rows.
ROW END CODE
To signify the end of a row of characters, a special Row-End (RE) code is used in place of a character code.
20023429
Bits 11–4 (Row-End Code): A special character code of 0x01
Bits 3–0 (Don’t care)
The RE character tells the OSD generator that the character codes following must be placed on a new row in the displayed
window.
SKIPPED LINE CODE
Each displayed row of characters may have up to 15 skipped (i.e., blank) lines beneath it in order to allow finer control of the
vertical spacing of character rows. (Each skipped line is treated as a single auto-height character pixel line, so multiple scan lines
may actually be displayed in order to maintain accurate size relative to the character cell — see section Constant Character
Height Mechanism). To specify the number of skipped lines, the first character in each new row of characters to be displayed is
interpreted differently than the other characters in the row. Instead of interpreting the data in the location as a character code, the
12 bits are defined as follows:
20023430
Bits 11–8 (Reserved): These should be set to zero.
Bits 7–4 (Skipped Lines): These four bits determine how many blank pixel lines will be inserted between the present row of
display characters and the next row of display characters. A range of 0–15 may be selected.
Bits 3–0 (Attribute Code): The pixels in the skipped lines will normally be Color 1 of the addressed 2-Color Attribute Table entry.
Note that the pixels in the first line immediately below the character may be overwritten by the pixel override system that creates
the button box. (Refer to the Box Formation Section for more information).
Each new line MUST start with an SL code, even if the number of skipped lines to follow is zero. An SL code MUST always follow
an RE control code. An RE code may follow an SL code if several ‘transparent’ lines are required between sections of the window
(see example 3 below). In this case, skipped lines of zero characters are displayed, causing a break in the window.
WINDOW END CODE
To signify the end of the window, a special Window-End (WE) code is used in place of a Row-End code.
20023431
Bits 11–4 (Row-End Code): A special character code of 0x00.
Bits 3–0 (Don’t care)
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com