Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 11Page - National Semiconductor (TI) LM1237 Datasheet HTML 12Page - National Semiconductor (TI) LM1237 Datasheet HTML 13Page - National Semiconductor (TI) LM1237 Datasheet HTML 14Page - National Semiconductor (TI) LM1237 Datasheet HTML 15Page - National Semiconductor (TI) LM1237 Datasheet HTML 16Page - National Semiconductor (TI) LM1237 Datasheet HTML 17Page - National Semiconductor (TI) LM1237 Datasheet HTML 18Page - National Semiconductor (TI) LM1237 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
OSD Generator Operation
PAGE OPERATION
Figure 12. shows the block diagram of the OSD generator.
Video information is created using any of the 256 predefined
characters stored in the mask programmed ROM. Each
character has a unique 8-bit code that is used as its address.
Consecutive rows of characters make up the displayed win-
dow. These characters can be stored in the page RAM,
written under I
2C compatible commands by the monitor mi-
crocontroller. Each row can contain any number of charac-
ters up to the limit of the displayable line length, although
some restrictions concerning the enhanced features apply
on character rows longer than 32 characters.
The number of characters across the width and height of the
page can be varied under I
2C compatible control, but the
total number of characters that can be stored and displayed
on the screen is limited to 512 including any character row
end characters. The horizontal and vertical start position can
also be programmed through the I
2C compatible bus.
OSD VIDEO DAC
The OSD DAC is controlled by the 9-bit (3x3 bits) OSD video
information coming from the pixel serializer look-up table.
The look-up table in the OSD palette is programmed to
select 4 color levels out of 8 linearly spaced levels per
channel. The OSD DAC is shown in Figure 13, where the
gain is programmable by the 2-bit OSD CONTRAST register,
in 4 stages to give the required OSD signal. The OSD DACs
use the reference voltage, V
REF, to bias the OSD outputs.
20023419
FIGURE 12. Block Diagram of the OSD Generator
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com