Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 9 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 9 Page - ams AG

Back Button AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ams Datasheet
Page 9
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Data Width, Bit D4
For AS6200 only the 12 bit mode is supported by the device,
which means that the DW should always be set to 0.
Alert, Bit D5
The alert bit can be used to easily compare the current
temperature reading to the thresholds that can be set in the
TLOW and THIGH registers.
If the polarity bit is set to 0, the AL bit is read as 1 until the
converted temperature value exceeds the defined value in the
high temperature threshold register THIGH for the number of
defined consecutive faults (bits CF). Such an event causes the
AL bit to toggle to 0 and the value is kept until the converted
temperature value falls below the defined value in the low
temperature threshold register TLOW for the number of defined
consecutive faults. If this condition is met, the AL bit is reset to 1.
The polarity bit (POL) defines the active state of the alert bit as
depicted in the following figure.
The alert bit has the same setting as the alert output as long as
the device is configured for the comparator mode.
Figure 13:
State Diagram of the Alert Bit
Conversion Rate, Bit D6-D7
The conversion rate bits define the number of executed
temperature conversions per time unit. Additional readouts of
the temperature register between conversion is possible but
not recommended because the value is changed only after a
conversion is finished.
Values of 125ms, 250ms, 1s and 4s per conversion can be
configured while the default rate is set to 250ms. This
corresponds to a value of 4 conversions per second.
AL = 1
AL = 0
T > THIGH
for N consecutive
cycles
T < TLOW
for N consecutive
cycles
POL = 0:
AL = 0
AL = 1
T > THIGH
for N consecutive
cycles
T < TLOW
for N consecutive
cycles
POL = 1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com