Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 14 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 14 Page - ams AG

Back Button AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Detailed Descriptions
High- and Low-Limit Registers
If the comparator mode is configured (IM=0), the ALERT output
becomes active if the temperature equals or exceeds the
defined value in register THIGH for the configured number of
consecutive faults (N). This configuration is defined by the field
CF in the configuration register. The ALERT output remains
assigned until the converted temperature value equals or falls
below the defined value in register TLOW for the same number
of consecutive fault cycles.
If the interrupt mode is configured (IM=1), the ALERT output
becomes active if the temperature equals or exceeds the
defined value in register THIGH for the configured number of
consecutive fault cycles. It remains active until a read operation
is executed on any register. The ALERT output is also cleared if
the device is set into sleep mode by setting bit SM in the
configuration register.
Once the ALERT output is cleared, it is activated again only if
the temperature value falls below the configured value in
register TLOW. It remains active unless a read operation has
taken place.
This sequence is repeated unless the device is set into the
comparator mode or reset by the General Call Reset command.
This reset command clears the interrupt mode bit and
consequently puts the device into the comparator mode.
The sequential behavior is summarized in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com