Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 11 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 11 Page - ams AG

Back Button AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ams Datasheet
Page 11
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Sleep Mode, Bit D8
The sleep mode is activated by setting the bit SM in the
configuration register to 1. This shuts the device down
immediately and reduces the power consumption to a
minimum value.
The serial interface is the only active circuitry in the sleep mode
in order to provide access to the digital registers.
After resetting the SM bit to 0, the device enters the continuous
conversion mode.
Figure 16:
Sleep Mode Configuration
Interrupt Mode, Bit D9
The interrupt mode bit defines whether the device operates in
the temperature comparator mode or interrupt mode. This
defines the operation mode of the ALERT output as described
in the polarity bit section.
Figure 17:
Interrupt Mode Configuration
The comparator mode is characterized that if the temperature
value exceeds the THIGH value, the alert output is changed (e.g.
from high to low if the polarity bit is set to 0 and vice versa).
The alert output stays in that condition until the measured
temperature drops below the defined TLOW value.
The interrupt mode is characterized that it changes the alert
output as soon as the measured temperature crosses the THIGH
or TLOW value threshold.
The alert bit has the same setting as the alert output if the
device is set to comparator mode.
SM Bit
Operation Mode
0
Continuous Conversion Mode
1Sleep Mode
IM Bit
Operation Mode
0
Comparator Mode
1
Interrupt Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com