Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 19 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 19 Page - ams AG

Back Button AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ams Datasheet
Page 19
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Bus Address
A slave address consists of seven bits, followed by a data
direction bit (read/write operation). The slave address can be
selected from a pool of two different address settings by
connecting the input pin ADD0 to an appropriate signal as
summarized in the following table.
The ADD0 must not be left unconnected.
Figure 27:
I²C Address Select Configuration
Read/Write Operation
In order to access an internal data register, the index register
must be written in advance. This register contains the actual
register address and selects the appropriate register for an
access. A typical transfer consists of the transmission of the
slave address with a write operation indication, followed by the
transmission of the register address and is finalized with the
actual register content data transfer. This implies that every
write operation to the temperature sensor device requires a
value for the index register prior to the transmission of the
actual register data.
The index register defines the register address for both the write
and read operation. Consequently, if a read operation is
executed, the register address is taken from the index register
which was defined from the last write operation.
If a different register needs to be read, the index register has to
be written in advance to define the new register address. This
is accomplished by transmitting the slave address with a low
R/W bit, followed by the new content of the index register.
Subsequently, the master provokes a START condition on the
bus and transmits the slave address with a high R/W bit in order
to initiate a read operation.
Since the index register always keeps its last value, reads can
be executed repetitively on the same register.
Similarly to the byte transfer where the MSB is transmitted first,
the transfer of a 16-bit word is executed by a two byte transfer
whereas the MSB byte is always transmitted first.
ADD0 Connection
Device Address (bin)
Device Address (hex)
VSS
100 1000
0x48
VDD
100 1001
0x49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com