Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 13 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 13 Page - ams AG

Back Button AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ams Datasheet
Page 13
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Consecutive Faults, Bits D11-D12
A fault condition persists if the measured temperature either
exceeds the configured value in register THIGH or falls below
the defined value in register TLOW. As a result, the ALERT pin
indicates the fault condition if a defined number of consecutive
temperature readings meets this fault condition. The number
of consecutive faults are defined with two bits (D12 and D11)
and prevent a false alert if environmental temperature noise is
present. The register configuration is shown in the following
table.
Figure 20:
Consecutive Faults Bit Settings
Single Shot Conversion, Bit D15
The device features a single shot measurement mode if the
device is in sleep mode (SM=1). By setting the “Single Shot-bit”
to 1, a single temperature conversion is started and the SS-bit
can be read as 1 during the active conversion operation. Once
the conversion is completed, the device enters the sleep mode
again and the SS-bit is set to 0. The single shot conversion allows
very low power consumption since a temperature conversion
is executed on demand only. This allows a user defined timing
of the temperature conversions to be executed and is used if
the consecutive operation mode is not required.
As the device exhibits a very short conversion time, the effective
conversion rate can be increased by setting the single shot bit
repetitively after a conversion has finished. However, it has to
be ensured that the additional power is limited, otherwise
self-heating effects have to be considered.
Figure 21:
Single Shot Conversion Bit Settings
CF Bits
Consecutive Faults (N)
D12
D11
00
1
01
2
10
4
11
6
SS Bit
Conversion
0
No conversion ongoing/conversion finished
1
Start Single Shot conversion /conversion ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com