Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 22 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 22 Page - ams AG

Back Button AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG AS6200 Datasheet HTML 25Page - ams AG AS6200 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Detailed Descriptions
Summary of Bus Commands
Figure 29:
Summary of Bus Commands
Timeout Function
The serial interface of the slave device is reset if the clock signal
SCL is kept low for typ. 30ms. Such a condition results in a
release of the data line by the slave in case it has been pulled
to low level. The slave remains inactive after a timeout and waits
for a new START command invoked by the bus master. In order
to prevent a timeout, the bus transfer rate must be higher than
1kHz.
Bus Conditions
The following conditions occur on the serial bus which is
compatible to the I²C-Bus.
•Bus Idle: The signals SDA and SCL are not actively driven
and pulled to a high level by an external pull-up resistor.
• Start Data Transfer: A transition of the SDA input from
high to low level while the SCL signal is kept at high level
results in a START condition. Such a START condition must
precede any data transfer.
• Stop Data Transfer: A transition of the SDA input from
low to high level while the SCL signal is kept at high level
results in a STOP condition. Any data transfer is finished
by generating a STOP or START condition.
• Data Transfer: The master device defines the number of
data bytes between a START and STOP condition and there
is no limitation in the amount of data to be transmitted.
If it is desired to read only a single MSB byte without the
LSB byte, a termination of the data transfer can be
provoked by issuing a START or STOP condition on the bus.
• Acknowledge: It is mandatory for each slave device to
respond with acknowledge if the device is addressed by
the master. Acknowledge is indicated by pulling down the
data line (SDA) while the clock signal (SCL) is high in the
acknowledge clock phase. In order to avoid an unwanted
START or STOP condition on the bus, setup and hold times
must be met.
The master can signal an end of data transmission by
transmitting a Not-Acknowledge on the last transmitted
data byte by keeping the acknowledge bit at high level.
Command
Address
Data Value
General Call Address
000 0000
Device initialization
0000 0110
General Address Acquire
Not supported
High Speed Command
0000 1xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com