Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 21 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 21 Page - ams AG

Back Button AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG AS6200 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ams Datasheet
Page 21
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Figure 28:
Alert Condition Bit
General Call
A general call is issued by the master by transmitting the
general call address (000 0000) with a low R/W bit. The slave
device acknowledges the general call address and responds to
commands in the second byte. If the master transmits a value
of 0000 0110 as a second byte, the device is reset and all
registers are initialized with their default values.
In contrast to the General Call Address, the General Address
Acquire command is not supported.
High Speed Mode
The bus operation is limited to 400kHz unless a high speed
command is issued by the master device as the first byte after
a START condition. This switches the bus to a high speed
operation which allows data transfer frequencies up to 3.4MHz.
Such a command is not acknowledged by the slave but the
input filter time constants on the serial interface (SDA and SCL)
are adapted to allow the higher transfer rate.
After a high speed command, the slave address is transmitted
by the master in order to invoke a data transfer. The bus keeps
operating at the higher operating frequency until the master
issues a STOP condition on the serial bus. Upon the reception
of the STOP condition by the slave, the input filters are switched
to their initial time constants which allow lower transfer rates
only.
POL
Alert Condition
Alert Condition Bit
(AC-Bit)
0T
≥ THIGH
0
0T ≤ TLOW
1
1T
≥ THIGH
1
1T ≤ TLOW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com