Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 16 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 16 Page - ams AG

Back Button AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Detailed Descriptions
Figure 23:
Default Values for THIGH and TLOW
The following table defines the register bits of the THIGH and
TLOW register.
Figure 24:
Register Bit Settings for THIGH/TLOW
Temperature Register
The temperature register contains the digitally converted
temperature value and can be read by setting the index pointer
to the TVAL register (0x0).
Figure 25:
Temperature Value Register
Two consecutive bytes must be read to obtain the complete
temperature value. The MSB byte (Bits D15…D8) is transmitted
upon the first read access and the LSB byte (Bits D7…D0) is
transmitted after the second read access. The least significant
bits D3…D0 are set to 0.
A temperature value is represented as a two complement value
in order to cover also negative values. After powerup, the
temperature value is read as 0°C until the first conversion has
been completed. One LSB corresponds to 0.0625°C.
Register
Temperature
Binary Value (12 Bit)
TLOW
75°C
L11..L0 = 0100 1011 0000
THIGH
80°C
H11..H0 = 0101 0000 0000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
H11
H10
H9
H8
H7
H6
H5
H4
H3
H2
H1
H0
0000
MSB Byte
LSB Byte
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0000
MSB Byte
LSB Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com