Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 29 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 29 Page - ams AG

Back Button AS6200 Datasheet HTML 25Page - ams AG AS6200 Datasheet HTML 26Page - ams AG AS6200 Datasheet HTML 27Page - ams AG AS6200 Datasheet HTML 28Page - ams AG AS6200 Datasheet HTML 29Page - ams AG AS6200 Datasheet HTML 30Page - ams AG AS6200 Datasheet HTML 31Page - ams AG AS6200 Datasheet HTML 32Page - ams AG AS6200 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ams Datasheet
Page 29
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Package Drawings & Markings
Figure 38:
Mechanical Specifications of WLCSP Package
Note(s):
1. As used in Figure 37
Figure 39:
Marking of WLCSP Package (Top View)
Figure 40:
Package Code
Symbol (1)
Dimension [µm]
Min
Typ
Max
X
1450
1530
Y960
1040
ax
325
dx
400
ay
280
dy
400
d250
Thickness (w.o. balls)
378
XXXX
Tracecode
z XXXX
AS6200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com