Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 23 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 23 Page - ams AG

Back Button AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG AS6200 Datasheet HTML 25Page - ams AG AS6200 Datasheet HTML 26Page - ams AG AS6200 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ams Datasheet
Page 23
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Timing Characteristics
Figure 30:
Serial Interface Timing Diagram
Figure 31:
Bus Timing Specifications
Note(s):
1. The device will hold the SDA line high for 100 ns during the falling edge of the SCL.
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
SCL Clock Frequency
fSCL
0.001
0.4
0.001
3.4
MHz
Bus free time between STOP and
START condition
tBUF
600
160
ns
Hold time after repeated START
condition
tHDSTA
100
100
ns
Repeated START condition setup time
tSUSTA
100
100
ns
Data in hold time
tHDDAT
10
10
ns
Data out hold time (1)
tDH
100
100
ns
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/Data fall time
tF
300
160
ns
Clock/Data rise time
tR
300
160
ns
Clock/Data rise time for SCL≤100kHz
tR
1000
-
ns
SCL
SDA
STOP
START
START
STOP
tBUF
tHDSTA
tLOW
tRISE
tHIGH
tFALL
tSUSTA
tSUDAT
tHDDAT
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com