Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 1 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 1 Page - ams AG

  AS6200 Datasheet HTML 1Page - ams AG AS6200 Datasheet HTML 2Page - ams AG AS6200 Datasheet HTML 3Page - ams AG AS6200 Datasheet HTML 4Page - ams AG AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ams Datasheet
Page 1
[v1-01] 2016-Jun-17
Document Feedback
AS6200
Temperature Sensor
The AS6200 IC is a high accuracy temperature sensor system
that communicates via a 2 wire digital bus with other devices.
It consists of a Si bandgap temperature sensor, an ADC and a
digital signal processor.
It has a very high temperature accuracy (±0.4°C for AS6200) and
an ultra-low power consumption (low operation and quiescent
current) which makes it ideally suited for mobile/battery
powered applications.
The AS6200 is an easy to integrate and use solution, featuring
an factory calibrated sensor, integrated linearization and the
possibility to use 2 different I²C addresses, enabling to use two
AS6200 devices on one bus.
Additionally the AS6200 temperature sensor system also
features an alert functionality, which triggers e.g. an interrupt
to protect devices from excessive temperatures.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS6200, Temperature Sensor are
listed below:
Figure 1:
Added Value of Using AS6200
Benefits
Features
• High Measurement Accuracy
• ± 0.4°C (0°C to 65°C)
• ± 1°C (-40°C to 125°C)
(max. values)
• Low Power Consumption
• 6 μA @Operation (typ. @ 4 Hz)
• 0.1 μA@Standby (typ.)
• Supply Voltage Range
• 1.8V to 3.6 V
• Wide Operating Temperature
• -40°C to 125°C
• Small PCB Footprint
• 1.6 mm x 1.0 mm (WLCSP)
General Description


Similar Part No. - AS6200

ManufacturerPart #DatasheetDescription
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
AS6200C AMSCO-AS6200C Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
More results

Similar Description - AS6200

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
High Accuracy Digital Temperature Sensor IC
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
High-Accuracy Wireless Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Greystone Energy System...
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com