Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 19Page - Microchip Technology MCS3142 Datasheet HTML 20Page - Microchip Technology MCS3142 Datasheet HTML 21Page - Microchip Technology MCS3142 Datasheet HTML 22Page - Microchip Technology MCS3142 Datasheet HTML 23Page - Microchip Technology MCS3142 Datasheet HTML 24Page - Microchip Technology MCS3142 Datasheet HTML 25Page - Microchip Technology MCS3142 Datasheet HTML 26Page - Microchip Technology MCS3142 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 22
 2014 Microchip Technology Inc.
5.2
SERIAL COMMUNICATIONS CONNECTIONS
The Embedded Security Development Board is divided into two halves. The left side is
the host controller half. The right side is the target application half. The two halves are
connected by three wires, easily accessible by test points, labeled TP1, TP2 and TP3.
Table 5-2 lists the respective microcontroller I/O port connections:
The host side half is controlled by a PIC16LF1947 microcontroller. The PIC16LF1947
microcontroller communicates with a 16x2 character LCD display (LCD1), an
MCP2200 USB to UART communications IC (U2), an MCP795W10 SPI Real-Time
Clock Calendar IC (U5), four push button switches (SW5-SW8), and seven LEDs
(D8-D14). The PIC16LF1947 microcontroller can be programmed and debugged via
the ICSP™ header (J4).
The target application half has a PIC16LF1938 microcontroller. The PIC16LF1938
microcontroller communicates with the 28-pin PICtail connector (J1), the Serial
Accessory Port (P20), four push button switches (SW1-SW4), and four LEDs (D4-D7).
The PIC16LF1938 microcontroller can be programmed/debugged via the ICSP (J5).
The Embedded Security Development Board schematic is shown in Appendix
C. “Embedded Security Development Board Schematics” as Figure C-2.
5.3
SERIAL ACCESSORY PORT (P20)
The Serial Accessory Port provides a simple serial interface for the external modules.
These modules may be either an external sensor or an accessory board. The partial
list of Microchip boards with SAP capabilities includes the following:
• LCD Serial Accessory Board
• RS-232 Serial Accessory Board
For more information about the existing accessory boards, visit
http://www.microchip.com or refer to the “RS-232 Serial Accessory Board User’s
Guide” (DS70649). The following interfaces are supported by the Serial Accessory
Port:
• 3 or 4-wire SPI
•I2C™
•USART
Jumpers J7 and J8 connect pull-up resistors, typically useful when I2C is selected and
the pull-up resistors are not available on the daughter board.
TABLE 5-2:
SERIAL CONNECTIONS BETWEEN DEVICES
Host Controller MCS3142
Test Points
Target Application
PIC16LF1947 (Master)
RF5
TP1
RB7/ICSPDAT
RB2
TP2
RB6/ICSPCLK
RF4
TP3
RE3/MCLR/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com