Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 24Page - Microchip Technology MCS3142 Datasheet HTML 25Page - Microchip Technology MCS3142 Datasheet HTML 26Page - Microchip Technology MCS3142 Datasheet HTML 27Page - Microchip Technology MCS3142 Datasheet HTML 28Page - Microchip Technology MCS3142 Datasheet HTML 29Page - Microchip Technology MCS3142 Datasheet HTML 30Page - Microchip Technology MCS3142 Datasheet HTML 31Page - Microchip Technology MCS3142 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
MCS3142 DUAL KEELOQ® ENCODER
WIRELESS REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
 2014 Microchip Technology Inc.
DS40001746A-page 27
Chapter 6. Developing with the MCS3142 Wireless Security
Remote Control Development Kit
6.1
INTRODUCTION
The software on the demo board was constructed so that a developer can easily
customize the existing code base. The entire code is written in ‘C’ and has clearly
documented sections where the developer can insert custom code.
6.2
PROGRAMMING THE MCS3142
Since the MCS3142 is a hardware encoder, its entire memory map cannot be
programmed. Only portions of the MCS3142 memory are programmable. Please see
Section 7.3.3 “Generate Source” for more information on how to generate code for
the MCS3142 via the MPLAB X KEELOQ plugin.
To modify the configuration data in the key fob, the developer needs to open the red
plastic enclosure. The ICSP™ port is available on the key fob PCB as six contact areas.
The following steps need to be followed to program the MCS3142:
• Remove the PCB board from the plastic enclosure and lay the PCB board on a
non-conductive surface.
• Align the six ICSP pins to the contact areas on the PCB. Push the ICSP pins to
the contact areas and avoid any movement during programming.
6.3
DEVELOPING WITH THE EMBEDDED SECURITY BOARD
The Embedded Security Development Board acts as a receiver in the MCS3142
Wireless Security Remote Control Development Kit. The target application
microcontroller on the right side of the development board interacts with the receiver.
All data receiving and KEELOQ security functionalities are performed by the target
application microcontroller. The host microcontroller is only used to drive the LCD
display and package data for the PC interface. The developer should only need to
develop on the target side. The prototyping area under the four push buttons for target
application controller can be used to prototype the application.
Note: Avoid touching the PCB antenna when testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com