Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 7Page - Microchip Technology MCS3142 Datasheet HTML 8Page - Microchip Technology MCS3142 Datasheet HTML 9Page - Microchip Technology MCS3142 Datasheet HTML 10Page - Microchip Technology MCS3142 Datasheet HTML 11Page - Microchip Technology MCS3142 Datasheet HTML 12Page - Microchip Technology MCS3142 Datasheet HTML 13Page - Microchip Technology MCS3142 Datasheet HTML 14Page - Microchip Technology MCS3142 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
 2014 Microchip Technology Inc.
DS40001746A-page 10
MCS3142 DUAL KEELOQ® ENCODER
WIRELESS REMOTE CONTROL
DEVELOPMENT KIT USER’S GUIDE
Chapter 2. Quick Start
2.1
INTRODUCTION
The MCS3142 Dual KEELOQ Encoder Wireless Remote Control Development Kit uses
an identical receiver module and demo board as seen in the Wireless Security Remote
Control Development Kit User’s Guide.
(http://ww1.microchip.com/downloads/en/DeviceDoc/41646A.pdf). This chapter will
explain how to setup the board and show the general operation.
2.2
USING THE STAND-ALONE DEMO
2.2.1
Setup
There are only a few steps to perform to get the stand-alone demo working:
1. Open the plastic enclosure of the red key fob by carefully prying apart the two
halves with a flat-head screw driver. Observe the correct battery polarity and
insert the coin battery into the holder. Put the key fob back together.
2. To verify that the key fob is properly installed, press any button and the LED
should flash when a button is pressed.
3. Plug in the RF receiver daughter board on the PICtail slot of the demo board.
Make sure that the RF receiver daughter board has the side with the RF receiver
chip facing the center, as shown in Figure 2-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com