Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 35Page - Microchip Technology MCS3142 Datasheet HTML 36Page - Microchip Technology MCS3142 Datasheet HTML 37Page - Microchip Technology MCS3142 Datasheet HTML 38Page - Microchip Technology MCS3142 Datasheet HTML 39Page - Microchip Technology MCS3142 Datasheet HTML 40Page - Microchip Technology MCS3142 Datasheet HTML 41Page - Microchip Technology MCS3142 Datasheet HTML 42Page - Microchip Technology MCS3142 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 38
 2014 Microchip Technology Inc.
8.3.2
Viewing Data
Each of the three KEELOQ technologies contains two panels. One is a graphical view
and another is a textual-based logger with an accompanying table with two available
rows. Each row of the table represents a single learned device. The Table tab will show
relevant information to any learned device that corresponds to its KEELOQ technology.
Any data that is changed will momentarily change to a red coloring. The Panel’s tab in
which the data changed will also have its tab color change.
8.4
PAIRING A TRANSMITTER
The demo board and PC application are now synchronized with one another. Once
successfully paired, a text box will be populated with the learned data being sent to the
PC for it to keep its own records. Since each paired transmitter is kept in nonvolatile
memory, this data only needs to be saved once unless a resynchronization is required.
The application reads out every saved device upon a successful connection to the
board.
Once a device is saved in the application, a row in one of the KEELOQ table updates
itself. The following figure shows a single device that is just learned.
FIGURE 8-4:
CLASSIC TABLE TAB UPDATED WITH A SINGLE LEARNED CLASSIC
TRANSMITTER
Not all of the columns are populated since those depend on the transmitter being
active.
The Graphic tab will also update with new data as seen below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com