Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 21Page - Microchip Technology MCS3142 Datasheet HTML 22Page - Microchip Technology MCS3142 Datasheet HTML 23Page - Microchip Technology MCS3142 Datasheet HTML 24Page - Microchip Technology MCS3142 Datasheet HTML 25Page - Microchip Technology MCS3142 Datasheet HTML 26Page - Microchip Technology MCS3142 Datasheet HTML 27Page - Microchip Technology MCS3142 Datasheet HTML 28Page - Microchip Technology MCS3142 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 24
 2014 Microchip Technology Inc.
5.8
PUSH BUTTONS
The Embedded Security Development Board has two sets of push buttons. SW1-SW4
on the target application side and SW5 on the host controller side.
The four push buttons for the target application microcontroller are read as a single
analog input. Depending on the different ratios of pull-up and pull-down resister values,
the input analog voltages to the master microcontroller are different. Therefore, through
the ADC on the target application microcontroller, the button that is pressed can be
identified. Such design is used to save I/O pin requirement for the target application
microcontroller.
The four push buttons for the host microcontroller are four separate digital inputs to the
slave microcontroller, due to the abundant I/O pin availability for the slave
microcontroller. All buttons are assigned to the individual interrupt lines of the
microcontroller and are not driven by external pull-up circuitry to save power
consumption. The user software must enable the PORTB pull-ups of the
microcontroller before evaluating the button state.
The MCLR push button is connected to the RE3/MCLR pin of the target application
microcontroller. The RE3/MCLR pin of the target application microcontroller is also one
of the SPI lines that control the host microcontroller. When the target application and
host microcontrollers are interconnected, the RE3/MCLR pin of target application
microcontroller is configured to be a normal digital I/O pin; therefore, the MCLR push
button is ineffective. Otherwise, if an I2C intercommunication is not required between
the target application and host microcontroller, the pin can be configured as Reset and
the MCLR button can be used.
5.9
LEDS
There are two sets of LEDs that are controlled by the target application and the host
microcontrollers, respectively. The target application MCU controls a set of four LEDs
through the digital output pins. The host MCU controls a set of six LEDs through digital
output pins. The two sets of LEDs may be useful in the demo or debugging process.
LEDs D15 and D16 on the left half are used to identify the TX and RX operation of
MCP2200. The default configuration of the MCP2200 does not enable this feature, but
it may be enabled using the MCP2200 configuration utility (see Section 7.2 “Install”).
LEDs D12 and D13 are used by the preprogrammed demo firmware to identify the TX
and RX communication between the host and target microcontrollers.
LED D2 indicates the power availability. This LED cannot be controlled by the target
application or by the host microcontroller.
5.10 POWER SUPPLY
The Embedded Security Development Board can be powered by one of the following
two sources:
•USB port
• External 3.3V power source through GND and +VEXT connectors
Jumper J6 is used to choose the power source. When the left side, pins 1-2 of J6 are
closed, USB power is selected; when the right side, pins 2-3 of J6 are closed, external
power source is selected.
When the USB port is used to power the board, the input voltage is stabilized by a
Microchip MCP1703, LDO regulator U3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com