Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 30Page - Microchip Technology MCS3142 Datasheet HTML 31Page - Microchip Technology MCS3142 Datasheet HTML 32Page - Microchip Technology MCS3142 Datasheet HTML 33Page - Microchip Technology MCS3142 Datasheet HTML 34Page - Microchip Technology MCS3142 Datasheet HTML 35Page - Microchip Technology MCS3142 Datasheet HTML 36Page - Microchip Technology MCS3142 Datasheet HTML 37Page - Microchip Technology MCS3142 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
KEELOQ MPLAB X Plugin
 2014 Microchip Technology Inc.
DS40001746A-page 33
7.3.2
File format
After clicking the Export SQTP button and inputting the range of serial numbers to be
produced, the utility will save a .NUM file. Each line in the this file represents a single
unique KEELOQ device. The line-to-line format of the SQTP file follows the INHX8M
format.
EXAMPLE 7-1:
FILE EXPORT EXAMPLE
The data is byte-addressable, so each HH is one byte. For HCS devices, this directly
corresponds to the device’s memory map which is shown in the data sheet and
programming specification.
The HCS300 has a memory map like this, starting from the lowest address. All of these
fields are 16-bit values.
[KEY_0] [KEY_1] [KEY_2] [KEY_3] [SYNC] [RESERVED] [SER_0]
[SER_1] [SEED_0] [SEED_1] [RESERVED] [CONFIG]
Taking the sample data and adding these brackets to make it more readable:
[B0 B8] [C5 3F] [37 D7] [B3 FF] [00 00] [00 00] [00 00]
[00 00] [17 7A] [A5 50] [00 00] [00 00]
Please consult with your specific encoder data sheet for more information about the
various key generation methods.
TABLE 7-1:
EXPORT FILE FORMAT
Format
BBAAAATTHHHH....HHHCC
BB
18, the number of data bytes
AAAA
0000, the starting address for this line.
All HCS devices will use 0000 as the
starting address
TT
00. Always 0 for 8-bit data, will be 1 for
the “End of File” line
CC
20, the line checksum, appended to the
line
HH
Data
:
18000000B0B8C53F37D7B3FF0000000000000000177AA5500000000020
:
BBAAAATTHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHHCC
Note: Some devices are word-aligned and some are byte-aligned.
TABLE 7-2:
EXPORT FILE DATA
Format
BBAAAATTHHHH....HHHCC
64-bit Key
0xB0B8C53F37D7
Synchronization
0x0000
Serial
0x00000000
Seed
0x177AA550
Configuration
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com