Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 10Page - Microchip Technology MCS3142 Datasheet HTML 11Page - Microchip Technology MCS3142 Datasheet HTML 12Page - Microchip Technology MCS3142 Datasheet HTML 13Page - Microchip Technology MCS3142 Datasheet HTML 14Page - Microchip Technology MCS3142 Datasheet HTML 15Page - Microchip Technology MCS3142 Datasheet HTML 16Page - Microchip Technology MCS3142 Datasheet HTML 17Page - Microchip Technology MCS3142 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Quick Start
 2014 Microchip Technology Inc.
DS40001746A-page 13
To pair a transmitter to the receiver using Secure learn:
1. Press SW3, the Secure Learn button on the Embedded Security Development
Board to enable Secure Learn mode.
2. If learning the Classic KEELOQ encoder, press both buttons 1 and 2. If learning
the Ultimate KEELOQ encoder, press both buttons 3 and 4. This will cause the
special Seed packet to be sent.
3. The receiver will indicate reception of the Seed transmission.
4. If learning the Ultimate KEELOQ encoder, press either button 3 or 4 to send a
Typical transmission.
5. The receiver will indicate successful pairing.
The kit also includes the SX1239 Receiver PICtail Daughter Board. It houses the
Semtech SX1239 wideband receiver. The target application configured the receiver on
start-up.
2.3
KEELOQ SCREENS
This section describes all of the LCD screens when used with the MCS3142
transmitter.
Only a message from a paired transmitter can be accepted by the receiver. If a packet
is received from an unknown transmitter, the message ‘Not Learned’ will be
displayed on the LCD, as shown in Figure 2-3 and Figure 2-4. The type of transmission
and the transmitter’s serial number are also displayed on the screen.
FIGURE 2-3:
CLASSIC KEELOQ® ENCODER NOT LEARNED
FIGURE 2-4:
ULTIMATE KEELOQ® ENCODER NOT LEARNED
Note: The receiver will always display the encoder serial number associated with
a transmission, regardless of the transmitter’s status with the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com