Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 20Page - Microchip Technology MCS3142 Datasheet HTML 21Page - Microchip Technology MCS3142 Datasheet HTML 22Page - Microchip Technology MCS3142 Datasheet HTML 23Page - Microchip Technology MCS3142 Datasheet HTML 24Page - Microchip Technology MCS3142 Datasheet HTML 25Page - Microchip Technology MCS3142 Datasheet HTML 26Page - Microchip Technology MCS3142 Datasheet HTML 27Page - Microchip Technology MCS3142 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Embedded Security Development Board
 2014 Microchip Technology Inc.
DS40001746A-page 23
5.4
USB INTERFACE PORT
The Microchip MCP2200 provides USB to UART support. The USB interface port can
also be used to power the Embedded Security Development Board directly. Please see
Section 8.2 “Installation” for more information about connecting the board to a PC.
5.5
PICtail™ PORT
The PICtail port is a 28-pin interface port that supports Microchip’s RF-based daughter
cards. The PICtail port provides the following interfaces to the daughter cards:
• Power Supply
• SPI interface
• Interrupt request lines
• Other digital/analog I/O lines
There are many Microchip accessory daughter cards, which have PICtail port
connectivity. When not used as one of the components in the Wireless Security Remote
Control Development Kit, the Embedded Security Development Board can be
connected with any daughter board with the PICtail port, and perform different
functionalities. Refer to the Microchip web site http://www.microchip.com for accessory
daughter boards with PICtail port.
5.6
LCD DISPLAY
The Embedded Security Development Board supports 16x2 character LCD display
with backlight. The LCD is controlled by the host microcontroller through the SPI port.
5.7
REAL-TIME CLOCK AND CALENDAR (RTCC) MODULE
The Embedded Security Development Board RTCC module can be used to set and
track clock and calendar precisely. The RTCC functionality is achieved with the
Microchip MCP795W10. The RTCC module is controlled by the host microcontroller
through the SPI interface. The RTCC is commonly used with Ultimate KEELOQ, which
relies on the system clock as part of its security.
The RTCC module can be powered either by the 3.3V power from the Embedded
Security Development Board, or by a separate coin battery when external power is not
available. For details on operating this RTCC module, refer to the data sheet of the
MCP795W10 at http://www.microchip.com/MCP795W10.
Note: The user must be careful about the PICtail port pins that share different
functions of the board. The user needs to check the schematics before
assigning functions for any port pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com