Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 29Page - Microchip Technology MCS3142 Datasheet HTML 30Page - Microchip Technology MCS3142 Datasheet HTML 31Page - Microchip Technology MCS3142 Datasheet HTML 32Page - Microchip Technology MCS3142 Datasheet HTML 33Page - Microchip Technology MCS3142 Datasheet HTML 34Page - Microchip Technology MCS3142 Datasheet HTML 35Page - Microchip Technology MCS3142 Datasheet HTML 36Page - Microchip Technology MCS3142 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 32
 2014 Microchip Technology Inc.
The following figure is what should be displayed for a HCS300 device selected.
FIGURE 7-4:
SCREEN DISPLAYED FOR AN HCS300 DEVICE
This will be displayed with the MPLAB X IDE in a tabularized window.
Most of the KEELOQ devices require a unique set of inputs, which consequently change
the plugin’s display. Every device will have two buttons display: Generate Source and
Export SQTP.
7.3
EXPORT SQTP
7.3.1
SQTP File Generation
Serialized Quick Turn Programming serialization is a method of programming 8-bit
microcontrollers, whereby each chip is programmed with a slightly different code.
Typically, all locations are programmed with the same basic code except for a few
contiguous bytes which are programmed with a different number (referred to as ‘key’
or ‘ID number’ or ‘serial number’) in each member. Typical applications of such
programming are remote transmitters for car alarms or garage door openers where
each unit must have a different access code.
Microchip offers a flexible SQTP program for customers who wish to have their devices
programmed by the factory with unique settings. By using the MPLAB X KEELOQ plugin,
all the user has to do is specify key parameters such as manufacturer’s code and
encryption algorithm. The utility can then output a file that can be sent to Microchip for
production programming or used on a variety of Microchip and third party programmer
tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com