Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 39Page - Microchip Technology MCS3142 Datasheet HTML 40Page - Microchip Technology MCS3142 Datasheet HTML 41Page - Microchip Technology MCS3142 Datasheet HTML 42Page - Microchip Technology MCS3142 Datasheet HTML 43Page - Microchip Technology MCS3142 Datasheet HTML 44Page - Microchip Technology MCS3142 Datasheet HTML 45Page - Microchip Technology MCS3142 Datasheet HTML 46Page - Microchip Technology MCS3142 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 42
 2014 Microchip Technology Inc.
A delta of ‘1’ is typical under normal operation. To easily see this delta grow, press the
Transmit button on the fob multiple times while being out of range from the receiver.
Then come back towards the receiver and press again. The delta will now be greater
than ‘1’.
When the sync counter gets to its maximum value, the fob needs to be reprogrammed
in order to resume normal operation again.
Advanced KEELOQ
Please see the previous section regarding how the Sync Counter window works.
KEELOQS Advanced Sync window has identical operation compared to Classic
KEELOQ with the exception that Advanced has a larger, 32-bit sync counter.
Ultimate KEELOQ
The pie in the Ultimate KEELOQ graphic uses the time-stamps between the transmitter
and receiver to construct a delta.
FIGURE 8-10:
ULTIMATE KEELOQ TIME-STAMP WINDOW
In the absence of a transmission, the PC will continuously increment its clock every ¼
second. A transmission will update the Receiver Clock block with the receiver’s time.
The transmitter’s time is symbolized by the black line and should land directly
in-between the two blue lines. The blue lines represent the acceptable drift between the
receiver and transmitter’s clocks. If the receiver has determined that the transmitter is
out of sync, it will force a re-sync event. The Receiver +10 secs button can be used to
simulate this re-sync event. The Delta Timer block holds the time difference between
the receiver’s clock and transmitter’s clock.
The KEELOQ block indicates the battery voltage on the recently received transmitter.
8.6
CALCULATOR
The GUI can also be used as a graphical calculator.
Some of the blocks appear raised than the others, indicating an input. The mouse
pointer will also transform into a hand as the mouse hovers over a raised block. These
special blocks are inputs to the calculator and can be used to manipulate the graphic.
After applying the changes, the graphic will update itself from the new stimulus. Note
that the effects are not saved to the transmitter, receiver, or inside the learned devices
table. These changes do not persist between sessions.
Note: All inputs to the system are in hexadecimal format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com