Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3142 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 34Page - Microchip Technology MCS3142 Datasheet HTML 35Page - Microchip Technology MCS3142 Datasheet HTML 36Page - Microchip Technology MCS3142 Datasheet HTML 37Page - Microchip Technology MCS3142 Datasheet HTML 38Page - Microchip Technology MCS3142 Datasheet HTML 39Page - Microchip Technology MCS3142 Datasheet HTML 40Page - Microchip Technology MCS3142 Datasheet HTML 41Page - Microchip Technology MCS3142 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
PC Application
 2014 Microchip Technology Inc.
DS40001746A-page 37
Click “Settings” in the menu bar and then “Port Selection” to see the figure shown
below:
FIGURE 8-2:
PORT SELECTION SCREEN
If the expected COM port is not listed, click the Refresh button. If it still does not exist,
the MCP220 device is not being recognized. MAC and Linux systems will be presented
with additional options that are used to help select the MCP2200 port. The default
pattern matching is `tty.`. The MCP2200 should be listed as a `tty.usbmodemXX`
device.
Click the Connect button to initiate communication between the demo board.
If successful, the dialog box will disappear and the Main window will contain similar text
as below:
FIGURE 8-3:
DIALOG OUTPUT IMMEDIATELY FOLLOWING A SUCCESSFUL CONNECTION
Notice how the toolbar lists the software revisions of the Host and Target
microcontrollers. The GUI will only communicate with known revisions of the firmware.
The SX1239 is the identification number of the SemTech receiver module. Please see
the SemTech data sheet for much more information regarding their receiver. Other
settings such as learned devices and manufacturing numbers are also displayed and
saved.
The demo board should now display the version of the PC application on its LCD.
Note: Mac OS X systems must be 10.7 or greater to connect to an MCP2200
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com