Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 194 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 194 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 190Page - Texas Instruments OMAP3530ECBB Datasheet HTML 191Page - Texas Instruments OMAP3530ECBB Datasheet HTML 192Page - Texas Instruments OMAP3530ECBB Datasheet HTML 193Page - Texas Instruments OMAP3530ECBB Datasheet HTML 194Page - Texas Instruments OMAP3530ECBB Datasheet HTML 195Page - Texas Instruments OMAP3530ECBB Datasheet HTML 196Page - Texas Instruments OMAP3530ECBB Datasheet HTML 197Page - Texas Instruments OMAP3530ECBB Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-34. ISP Timing Conditions – ITU Mode (continued)
TIMING CONDITION PARAMETER
VALUE
UNIT
tF
Input signal fall time
2.7
ns
Output Conditions
CLOAD
Output load capacitance
8.6
pF
Table 6-35. ISP Timing Requirements – ITU Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
ISP17
tc(pclk)
Cycle time(2), cam_pclk period
13.3
22.2
ns
ISP18
tW(pclkH)
Typical pulse duration, cam_pclk high
0.5*P(3)
0.5*P(3)
ns
ISP18
tW(pclkL)
Typical pulse duration, cam_pclk low
0.5*P(3)
0.5*P(3)
ns
tdc(pclk)
Duty cycle error, cam_pclk
667
1111
ps
tj(pclk)
Cycle jitter(4), cam_pclk
133
200
ps
ISP23
tsu(dV-pclkH)
Setup time, cam_d[9:0] valid before cam_pclk
1.82
3.25
ns
rising edge
ISP24
th(pclkH-dV)
Hold time, cam_d[9:0] valid after cam_pclk rising
1.82
3.25
ns
edge
(1)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified.
(2)
Related with the input maximum frequency supported by the ISP module.
(3)
P = cam_lclk period in ns.
(4)
Maximum cycle jitter supported by cam_lclk input clock.
Table 6-36. ISP Switching Characteristics – ITU Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
ISP15
tc(xclk)
Cycle time(1), cam_xclk period
4.6
4.6
ns
ISP16
tW(xclkH)
Typical pulse duration, cam_xclk high
0.5*PO(2)
0.5*PO(2)
ns
ISP16
tW(xclkL)
Typical pulse duration, cam_xclk low
0.5*PO(2)
0.5*PO(2)
ns
tdc(xclk)
Duty cycle error, cam_xclk
231
231
ps
tj(xclk)
Jitter standard deviation(3), cam_xclk
33
33
ps
tR(xclk)
Rise time, cam_xclk
0.93
0.93
ns
tF(xclk)
Fall time, cam_xclk
0.93
0.93
ns
(1)
Related with the cam_xclk maximum and minimum frequencies programmable in the ISP module.
Warning: The camera sensor or the camera module must be disabled to change the frequency configuration. For more information, see
the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98]
(2)
PO = cam_xclk period in ns
(3)
The jitter probability density can be approximated by a Gaussian function.
194
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com