Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 197 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 197 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 193Page - Texas Instruments OMAP3530ECBB Datasheet HTML 194Page - Texas Instruments OMAP3530ECBB Datasheet HTML 195Page - Texas Instruments OMAP3530ECBB Datasheet HTML 196Page - Texas Instruments OMAP3530ECBB Datasheet HTML 197Page - Texas Instruments OMAP3530ECBB Datasheet HTML 198Page - Texas Instruments OMAP3530ECBB Datasheet HTML 199Page - Texas Instruments OMAP3530ECBB Datasheet HTML 200Page - Texas Instruments OMAP3530ECBB Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 265 page
background image
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
DL0
DL2
DL1
030-061
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Figure 6-28. LCD Display in TFT Mode – HDTV Application(1) (2) (3) (4)
(1) The pixel data bus depends on the use of 8-, 9-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
(2) The pixel clock frequency is programmable.
(3) All timings not illustrated in the waveform are programmable by software, control signal polarity, and driven edge of dss_pclk.
(4) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
6.5.2.1.2 LCD Display in STN Mode
Table 6-38 assumes testing over the recommended operating conditions (see Figure 6-29).
Table 6-38. LCD Display Switching Characteristics in STN Mode(3) (4) (5)
NO.
PARAMETER
OPP3
OPP2
UNIT
MIN
MAX
MIN
MAX
DL3
td(PCLKA-DATAV)
Delay time, dss_pclk active edge to dss_data
–6.9
6.9
–6.9
6.9
ns
bus valid
DL4
tc(PCLK)
Cycle time(2), dss_pclk
22.727
22.727
ns
DL5
tw(PCLK)
Pulse duration, dss_pclk low or high
0.45*P(1)
0.55*P(1)
0.45*P(1)
0.55*P(1)
ns
(1) P = dss_pclk period.
(2) The pixel clock frequency is software programmable via the pixel clock divider configuration from 1 to 255 division range in the
DISPC_DIVISOR register.
(3) The DSS in STN mode is used with 4 or 8 pins only; unused pixel data bits always remain low.
(4) The capacitive load is equivalent to 40 pF.
(5) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
197
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com