Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 199 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 195Page - Texas Instruments OMAP3530ECBB Datasheet HTML 196Page - Texas Instruments OMAP3530ECBB Datasheet HTML 197Page - Texas Instruments OMAP3530ECBB Datasheet HTML 198Page - Texas Instruments OMAP3530ECBB Datasheet HTML 199Page - Texas Instruments OMAP3530ECBB Datasheet HTML 200Page - Texas Instruments OMAP3530ECBB Datasheet HTML 201Page - Texas Instruments OMAP3530ECBB Datasheet HTML 202Page - Texas Instruments OMAP3530ECBB Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-41. LCD Display Switching Characteristics in RFBI Mode
PARAMETER
OPP3
OPP2
OPP1(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw(rfbi_wrH)
Pulse duration, rfbi_wr high
A(2)
A(2)
ns
tw(rfbi_wrL)
Pulse duration, rfbi_wr low
B(3)
B(3)
ns
td(rfbi_a0-rfbi_wrL)
Delay time, rfbi_a0 transition to rfbi_wr
C(4)
C(4)
ns
low
td(rfbi_wrH-rfbi_a0)
Delay time, rfbi_wr high to rfbi_a0
D(5)
D(5)
ns
transition
td(rfbi_csx-rfbi_wrL)
Delay time, rfbi_csx(15) low to rfbi_wr low
E(6)
E(6)
ns
td(rfbi_wrH-rfbi_csxH)
Delay time, rfbi_wr high to rfbi_csx(15)
F(7)
F(7)
ns
high
td(dataV)
rfbi_da[15:0] valid
G(8)
G(8)
ns
td(rfbi_a0H-rfbi_rdL)
Delay time, rfbi_a0 high to rfbi_rd low
H(9)
H(9)
ns
td(rfbi_rdlH-rfbi_a0)
Delay time, rfbi_rd high to rfbi_a0
I(10)
I(10)
ns
transition
tw(rfbi_rdH)
Pulse duration, rfbi_rd high
J(11)
J(11)
ns
tw(rfbi_rdL)
Pulse duration, rfbi_rd low
K(12)
K(12)
ns
td(rfbi_rdL-rfbi_csxL)
Delay time, rfbi_rd low to rfbi_csx(15) low
L(13)
L(13)
ns
td(rfbi_rdH-rfbi_csxH)
Delay time, rfbi_rd high to rfbi_csx(15)
M(14)
M(14)
ns
high
tR(rfbi_wr)
Rise time, rfbi_wr
10
10
ns
tF(rfbi_wr)
Fall time, rfbi_wr
10
10
ns
tR(rfbi_a0)
Rise time, rfbi_a0
10
10
ns
tF(rfbi_a0)
Fall time, rfbi_a0
10
10
ns
tR(rfbi_csx)
Rise time, rfbi_csx(15)
10
10
ns
tF(rfbi_csx)
Fall time, rfbi_csx(15)
10
10
ns
tR(rfbi_da[15:0])
Rise time, rfbi_da[15:0]
10
10
ns
tF(rfbi_da[15:0])
Fall time, rfbi_da[15:0]
10
10
ns
tR(rfbi_rd)
Rise time, rfbi_rd
10
10
ns
tF(rfbi_rd)
Fall time, rfbi_rd
10
10
ns
(1) Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
(2) A = (WECycleTime – WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(3) B = (WEOffTime – WEOntime) * (TimeParaGranularity + 1) * L4CLK
(4) C = WEOnTime * (TimeParaGranularity + 1) * L4CLK
(5) D = (WECycleTime + CSPulseWidth – WEOffTime) * (TimeParaGranularity + 1) * L4CLK
if mode Write to Read or Read to Write is enabled
(6) E = (WEOnTime – CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(7) F = (CSOffTime – WEOffTime) * (TimeParaGranularity + 1) * L4CLK
(8) G = (WECycleTime) * (TimeParaGranularity + 1) * L4CLK
(9) H = (REOnTime) * (TimeParaGranularity + 1) * L4CLK
(10) I = (RECycleTime + CSPulseWidth – REOffTime) * (TimeParaGranularity + 1) * L4CLK
if mode Write to Read or Read to Write is enabled
(11) J = (RECycleTime – REOffTime) * (TimeParaGranularity + 1) * L4CLK
(12) K = (REOffTime – REOntime) * (TimeParaGranularity + 1) * L4CLK
(13) L = (REOnTime – CSOnTime) * (TimeParaGranularity + 1) * L4CLK
(14) M = (CSOffTime – REOffTime) * (TimeParaGranularity + 1) * L4CLK
(15) In rfbi_csx, x stands for 0 or 1.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
199
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com