Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 202 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 198Page - Texas Instruments OMAP3530ECBB Datasheet HTML 199Page - Texas Instruments OMAP3530ECBB Datasheet HTML 200Page - Texas Instruments OMAP3530ECBB Datasheet HTML 201Page - Texas Instruments OMAP3530ECBB Datasheet HTML 202Page - Texas Instruments OMAP3530ECBB Datasheet HTML 203Page - Texas Instruments OMAP3530ECBB Datasheet HTML 204Page - Texas Instruments OMAP3530ECBB Datasheet HTML 205Page - Texas Instruments OMAP3530ECBB Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.6
Serial Communications Interfaces
6.6.1
Multichannel Buffered Serial Port (McBSP) Timing
There are five McBSP modules called McBSP1 through McBSP5. McBSP provides a full-duplex, direct
serial interface between the OMAP3530/25 device and other devices in a system such as other
application devices or codecs. It can accommodate a wide range of peripherals and clocked frame-
oriented protocols (I2S, PCM, and TDM) due to its high level of versatility.
The McBSP1-5 modules may support two types of data transfer at the system level:
•
The full-cycle mode, for which one clock period is used to transfer the data, generated on one edge
and captured on the same edge (one clock period later).
•
The half-cycle mode, for which one half clock period is used to transfer the data, generated on one
edge and captured on the opposite edge (one half clock period later). Note that a new data is
generated only every clock period, which secures the required hold time.
The interface clock (CLKX/CLKR) activation edge (data/frame sync capture and generation) has to be
configured accordingly with the external peripheral (activation edge capability) and the type of data
transfer required at the system level.
The OMAP3530/25 McBSP1-5 timing characteristics are described for both rising and falling activation
edges. McBSP1 supports:
•
6-pin mode: dx and dr as data pins; clkx, clkr, fsx, and fsr as control pins.
•
4-pin mode: dx and dr as data pins; clkx and fsx pins as control pins. The clkx and fsx pins are
internally looped back via software configuration, respectively, to the clkr and fsr internal signals for
data receive.
McBSP2, 3, 4, and 5 support only the 4-pin mode.
The following sections describe the timing characteristics for applications in normal mode (that is,
OMAP3530/25 McBSPx connected to one peripheral) and TDM applications in multipoint mode.
6.6.1.1
McBSP in Normal Mode
Table 6-42. McBSP Timing Conditions—Normal Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Conditions
CLOAD
Output load capacitance
10
pF
Table 6-43. McBSP Output Clock Pulse Duration
NO.
PARAMETER
OPP3
OPP2
UNIT
MIN
MAX
MIN
MAX
Inputs and Outputs
McBSP1
tc(CLK)
Cycle time, mcbsp1_clkx / mcbsp1_clkr (multiplexing mode
20.83
41.67
ns
0)
McBSP2
tc(CLK)
Cycle time, mcbsp2_clkx (multiplexing mode 0)
20.83
41.67
ns
McBSP3
tc(CLK)
Cycle time,
IO set 1 (multiplexing mode 0)
31.25
62.50
ns
mcbsp3_clkx
IO set 2 (multiplexing mode 1)
20.83
41.67
IO set 3 (multiplexing mode 2)
20.83
41.67
McBSP4
tc(CLK)
Cycle time,
IO set 1 (multiplexing mode 0)
20.83
41.67
ns
mcbsp4_clkx
IO set 2 (multiplexing mode 2)
31.25
62.50
McBSP5
tc(CLK)
Cycle time, mcbsp5_clkx (multiplexing mode 1)
31.25
62.50
ns
202
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com