Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 205 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 201Page - Texas Instruments OMAP3530ECBB Datasheet HTML 202Page - Texas Instruments OMAP3530ECBB Datasheet HTML 203Page - Texas Instruments OMAP3530ECBB Datasheet HTML 204Page - Texas Instruments OMAP3530ECBB Datasheet HTML 205Page - Texas Instruments OMAP3530ECBB Datasheet HTML 206Page - Texas Instruments OMAP3530ECBB Datasheet HTML 207Page - Texas Instruments OMAP3530ECBB Datasheet HTML 208Page - Texas Instruments OMAP3530ECBB Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-50. McBSP1, 2, and 3 (Sets #2 and #3) Timing Requirements – Rising Edge and Transmit Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B5
tsu(FSXV-CLKXAE)
Setup time, mcbspx_fsx valid before mcbspx_clkx
3.7
7.9
ns
active edge
B6
th(CLKXAE-FSXV)
Hold time, mcbspx_fsx valid after mcbspx_clkx active
0.5
0.5
ns
edge
(1)
In mcbspx, x identifies the McBSP number: 1, 2, or 3. Note that for the McBSP3, these timings concern only Set #2 (multiplexing mode
on UART pins) and Set #3 (multiplexing mode on McBSP1 pins).
Table 6-51. McBSP1, 2, and 3 (Sets #2 and #3) Switching Characteristics – Rising Edge and Transmit
Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B2
td(CLKXAE-FSXV)
Delay time, mcbspx_clkx active edge to mcbspx_fsx
0.7
14.8
0.7
29.6
ns
valid
B8
td(CLKXAE-DXV)
Delay time, mcbspx_clkx active edge to
Master
0.6
14.8
0.6
29.6
ns
mcbspx_dx valid
Slave
0.6
14.8
0.6
29.6
ns
(1)
In mcbspx, x identifies the McBSP number: 1, 2, or 3. Note that for the McBSP3, these timings concern only Set #2 (multiplexing mode
on UART pins) and Set #3 (multiplexing mode on McBSP1 pins).
Table 6-52. McBSP4 (Set #1) Timing Requirements – Rising Edge and Transmit Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B5
tsu(FSXV-CLKXAE)
Setup time, mcbspx_fsx valid before mcbspx_clkx
3.7
7.9
ns
active edge
B6
th(CLKXAE-FSXV)
Hold time, mcbspx_fsx valid after mcbspx_clkx active
0.5
0.5
ns
edge
(1)
In mcbspx, x identifies the McBSP number: 4. Note that for the McBSP4, these timings concern only Set #1: multiplexing mode by
default. The McBSP4 is also multiplexed on GPMC pins (Set #2): the corresponding timings are specified in Table 6-54.
Table 6-53. McBSP4 (Set #1) Switching Characteristics – Rising Edge and Transmit Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B2
td(CLKXAE-FSXV)
Delay time, mcbspx_clkx active edge to
0.7
16.6
0.7
33.1
ns
mcbspx_fsx valid
B8
td(CLKXAE-DXV)
Delay time, mcbspx_clkx active edge
Master
0.6
16.6
0.6
33.1
ns
to mcbspx_dx valid
Slave
0.6
17.3
0.6
33.1
ns
(1)
In mcbspx, x identifies the McBSP number: 4. Note that for the McBSP4, these timings concern only Set #1: multiplexing mode by
default. The McBSP4 is also multiplexed on GPMC pins (Set #2): the corresponding timings are specified in Table 6-54.
Table 6-54. McBSP3 (Set #1), 4 (Set #2), and 5 Timing Requirements – Rising Edge and Transmit Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B5
tsu(FSXV-CLKXAE)
Setup time, mcbspx_fsx valid before mcbspx_clkx
5.8
12.2
ns
active edge
B6
th(CLKXAE-FSXV)
Hold time, mcbspx_fsx valid after mcbspx_clkx active
0.5
0.5
ns
edge
(1)
In mcbspx, x identifies the McBSP number: 4. Note that for the McBSP4, these timings concern only Set #1: multiplexing mode by
default. The McBSP4 is also multiplexed on GPMC pins (Set #2): the corresponding timings are specified in Table 6-54.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
205
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com