Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 237 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 233Page - Texas Instruments OMAP3530ECBB Datasheet HTML 234Page - Texas Instruments OMAP3530ECBB Datasheet HTML 235Page - Texas Instruments OMAP3530ECBB Datasheet HTML 236Page - Texas Instruments OMAP3530ECBB Datasheet HTML 237Page - Texas Instruments OMAP3530ECBB Datasheet HTML 238Page - Texas Instruments OMAP3530ECBB Datasheet HTML 239Page - Texas Instruments OMAP3530ECBB Datasheet HTML 240Page - Texas Instruments OMAP3530ECBB Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-119. MMC/SD/SDIO Switching Characteristics – SD Identification Mode(1) (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
HSSD5/SD5
td(CLKOH-CMD)
Delay time, mmc3_clk rising clock edge to
6.3
2492.7
6.3
2492.7
ns
mmc3_cmd transition
Table 6-120. X Parameter
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
Table 6-121. Y Parameter
CLKD
Y
1 or Even
0.5
Odd
(trunk[CLKD/2])/CLKD
For details about clock division factor CLKD, see the OMAP35x Technical Reference Manual (TRM)
[literature number SPRUF98].
6.7.1.2
MMC/SD/SDIO in High-Speed MMC Mode
Table 6-123 and Table 6-124 assume testing over the recommended operating conditions and electrical
characteristic conditions (see Figure 6-63 and Figure 6-64).
Table 6-122. MMC/SD/SDIO Timing Conditions – High-Speed MMC Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
High-Speed MMC Mode
Input Conditions
tR
Input signal rise time
3
ns
tF
Input signal fall time
3
ns
Output Conditions
CLOAD
Output load capacitance
30
pF
Table 6-123. MMC/SD/SDIO Timing Requirements – High-Speed MMC Mode(1) (2) (3) (4)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
High-Speed MMC Mode
MMC/SD/SDIO Interface 1 (1.8 V IO)
MMC3 tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk
5.6
26
ns
rising clock edge
MMC4 tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC7 tsu(DATxV-CLKIH)
Setup time, mmc1_datx valid before mmc1_clk
5.6
26
ns
rising clock edge
MMC8 tsu(CLKIH-DATxIV)
Hold time, mmc1_datx valid after mmc1_clk
2.3
1.9
ns
rising clock edge
(1)
Timing parameters are referred to output clock specified in Table 6-124.
(2)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-124.
(3)
Corresponding figures showing timing parameters are common with Standard MMC mode (See Figure 6-63 and Figure 6-64)
(4)
In datx, x is equal to 1, 2, 3, 4, 5, 6, or 7.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
237
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com