Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 238 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 238 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 234Page - Texas Instruments OMAP3530ECBB Datasheet HTML 235Page - Texas Instruments OMAP3530ECBB Datasheet HTML 236Page - Texas Instruments OMAP3530ECBB Datasheet HTML 237Page - Texas Instruments OMAP3530ECBB Datasheet HTML 238Page - Texas Instruments OMAP3530ECBB Datasheet HTML 239Page - Texas Instruments OMAP3530ECBB Datasheet HTML 240Page - Texas Instruments OMAP3530ECBB Datasheet HTML 241Page - Texas Instruments OMAP3530ECBB Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-123. MMC/SD/SDIO Timing Requirements – High-Speed MMC Mode(1) (2) (3) (4) (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
MMC/SD/SDIO Interface 1 (3.0 V IO)
MMC3 tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk
5.6
26
ns
rising clock edge
MMC4 tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC7 tsu(DATxV-CLKIH)
Setup time, mmc1_datx valid before mmc1_clk
5.6
26
ns
rising clock edge
MMC8 tsu(CLKIH-DATxIV)
Hold time, mmc1_datx valid after mmc1_clk
2.3
1.9
ns
rising clock edge
MMC/SD/SDIO Interface 2
MMC3 tsu(CMDV-CLKIH)
Setup time, mmc2_cmd valid before mmc2_clk
5.6
26
ns
rising clock edge
MMC4 tsu(CLKIH-CMDIV)
Hold time, mmc2_cmd valid after mmc2_clk
2.3
1.9
ns
rising clock edge
MMC7 tsu(DATxV-CLKIH)
Setup time, mmc2_datx valid before mmc2_clk
5.6
26
ns
rising clock edge
MMC8 tsu(CLKIH-DATxIV)
Hold time, mmc2_datx valid after mmc2_clk
2.3
1.9
ns
rising clock edge
MMC/SD/SDIO Interface 3
MMC3 tsu(CMDV-CLKIH)
Setup time, mmc3_cmd valid before mmc3_clk
5.6
26
ns
rising clock edge
MMC4 tsu(CLKIH-CMDIV)
Hold time, mmc3_cmd valid after mmc3_clk
2.3
1.9
ns
rising clock edge
MMC7 tsu(DATxV-CLKIH)
Setup time, mmc3_datx valid before mmc3_clk
5.6
26
ns
rising clock edge
MMC8 tsu(CLKIH-DATxIV)
Hold time, mmc3_datx valid after mmc3_clk
2.3
1.9
ns
rising clock edge
Table 6-124. MMC/SD/SDIO Switching Characteristics – High-Speed MMC Mode(1)
N O.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
High-Speed MMC Mode
1/MMC
1/tc(clk)
Frequency(2), mmcx_ clk (3)
48
24
MHz
1
MMC2
tW(clkH)
Typical pulse duration, output clk high
X(4)*PO(5)
X(4)*PO(5)
ns
MMC2
tW(clkL)
Typical pulse duration, output clk low
Y(6)*PO(5)
Y(6)*PO(5)
ns
tdc(clk)
Duty cycle error, output clk
1041.7
2083.3
ps
tj(clk)
Jitter standard deviation(3), output clk
200
200
ps
MMC/SD/SDIO Interface 1 (1.8 V IO)
tc(clk)
Rise time, output clk
3
3
ns
tW(clkH)
Fall time, output clk
3
3
ns
tW(clkL)
Rise time, output data
3
3
ns
tdc(clk)
Fall time, output data
3
3
ns
MMC5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_cmd transition
(1)
In datx, x is equal to 1, 2, 3, 4, 5, 6, or 7.
(2)
Related with the output clk maximum and minimum frequencies programmable in I/F module.
(3)
In mmcx_clk, 'x' is equal to 1, 2, or 3.
(4)
The X parameter is defined as shown in Table 6-125.
(5)
PO = output clk period in ns.
(6)
The Y parameter is defined as shown in Table 6-126.
238
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com