Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 245 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 245 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 241Page - Texas Instruments OMAP3530ECBB Datasheet HTML 242Page - Texas Instruments OMAP3530ECBB Datasheet HTML 243Page - Texas Instruments OMAP3530ECBB Datasheet HTML 244Page - Texas Instruments OMAP3530ECBB Datasheet HTML 245Page - Texas Instruments OMAP3530ECBB Datasheet HTML 246Page - Texas Instruments OMAP3530ECBB Datasheet HTML 247Page - Texas Instruments OMAP3530ECBB Datasheet HTML 248Page - Texas Instruments OMAP3530ECBB Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-134. MMC/SD/SDIO Switching Characteristics – High-Speed SD Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
HSSD2
tW(clkL)
Typical pulse duration, output clk low
Y(5)*PO(4)
Y(5)*PO(4)
ns
tdc(clk)
Duty cycle error, output clk
1041.7
2083.3
ps
tj(clk)
Jitter standard deviation(6), output clk
200
200
ps
MMC/SD/SDIO Interface 1 (1.8 V IO)
tc(clk)
Rise time, output clk
3
3
ns
tW(clkH)
Fall time, output clk
3
3
ns
tW(clkL)
Rise time, output data
3
3
ns
tdc(clk)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_cmd transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_datx transition
MMC/SD/SDIO Interface 1 (3.0 V IO)
tc(clk)
Rise time, output clk
3
3
ns
tW(clkH)
Fall time, output clk
3
3
ns
tW(clkL)
Rise time, output data
3
3
ns
tdc(clk)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_cmd transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc1_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc1_datx transition
MMC/SD/SDIO Interface 2
tc(clk)
Rise time, output clk
3
3
ns
tW(clkH)
Fall time, output clk
3
3
ns
tW(clkL)
Rise time, output data
3
3
ns
tdc(clk)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc2_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc2_cmd transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc2_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc2_datx transition
MMC/SD/SDIO Interface 3
tc(clk)
Rise time, output clk
3
3
ns
tW(clkH)
Fall time, output clk
3
3
ns
tW(clkL)
Rise time, output data
3
3
ns
tdc(clk)
Fall time, output data
3
3
ns
HSSD5
td(CLKOH-CMD)
Delay time, mmc3_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc3_cmd transition
HSSD6
td(CLKOH-DATx)
Delay time, mmc3_clk rising clock edge to
3.7
14.1
4.1
34.5
ns
mmc3_datx transition
(5)
The Y parameter is defined as shown in Table 6-136.
(6)
The jitter probability density can be approximated by a Gaussian function.
Table 6-135. X Parameters
CLKD
X
1 or Even
0.5
Odd
(trunk[CLKD/2]+1)/CLKD
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
245
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com